Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS8217 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STS8217
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8217 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STS8217 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8217 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8217 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8217 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8217 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8217 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8217 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STS8217
Ver 1.1
www.samhop.com.tw
May,07,2012
3
0
0
20
120
100
80
60
40
150
125
100
75
50
25
175
TA - Ambient Temperature - °C
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
0
0.5
3
2.5
2
1.5
1
150
125
100
75
50
25
175
TA - Ambient Temperature - °C
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Mounted on FR-4 board of
1 inch
2 , 2oz
0.1
1
10
10
0.1
100
VGS=4V
Single Pulse
TA=25 C
RD
S(ON
) Limit
0.01
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0.1
Mounted on FR-4 board of
1 inch
2 , 2oz
Single Pulse
PW - Pulse Width - s
1
10us
100us
1ms
10ms
1s
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com