Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPZ4624 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZ4624
Description  SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4624 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZ4624 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4624 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPZ4614
THRU
CMPZ4627
SURFACE MOUNT
LOW NOISE
SILICON ZENER DIODE
350mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZ4614 Series
types are high quality silicon zener diodes designed for
low leakage, low current and low noise applications.
MARKING CODE: CONSULT FACTORY
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted) VF=1.0V MAX @ IF=200mA (for all types)
TYPE
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM REVERSE
LEAKAGE CURRENT
IR @ VR
MAXIMUM
ZENER
CURRENT
IZM
MAXIMUM
NOISE DENSITY
ND @ IZT
V
μA
Ω
μA
V
mA
μV/√Hz
CMPZ4614
1.8
250
1200
7.5
1.0
120
1.0
CMPZ4615
2.0
250
1250
5.0
1.0
110
1.0
CMPZ4616
2.2
250
1300
4.0
1.0
100
1.0
CMPZ4617
2.4
250
1400
2.0
1.0
95
1.0
CMPZ4618
2.7
250
1500
1.0
1.0
90
1.0
CMPZ4619
3.0
250
1600
0.8
1.0
85
1.0
CMPZ4620
3.3
250
1650
7.5
1.5
80
1.0
CMPZ4621
3.6
250
1700
7.5
2.0
75
1.0
CMPZ4622
3.9
250
1650
5.0
2.0
70
1.0
CMPZ4623
4.3
250
1600
4.0
2.0
65
1.0
CMPZ4624
4.7
250
1550
10
3.0
60
1.0
CMPZ4625
5.1
250
1500
10
3.0
55
2.0
CMPZ4626
5.6
250
1400
10
4.0
50
4.0
CMPZ4627
6.2
250
1200
10
5.0
45
5.0
SOT-23 CASE
R7 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPZ4624

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4624 CENTRAL-CMPZ4624 Datasheet
92Kb / 2P
350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMPZ4624 CENTRAL-CMPZ4624 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
More results

Similar Description - CMPZ4624

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMOZ2L4 CENTRAL-CMOZ2L4_15 Datasheet
497Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4678 CENTRAL-CMPZ4678_15 Datasheet
395Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com