Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMOZ18VC Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMOZ18VC
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ18VC Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMOZ18VC Datasheet HTML 1Page - Central Semiconductor Corp CMOZ18VC Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMOZ2V4C THRU CMOZ43VC
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
2% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT
IR
@
VR
MIN
V
NOM
V
MAX
V
mA
Ω
μA
V
CMOZ11VC
10.78
11
11.22
5.0
20
0.1
8.0
CMOZ12VC
11.76
12
12.24
5.0
25
0.1
8.0
CMOZ13VC
12.74
13
13.26
5.0
30
0.1
8.0
CMOZ15VC
14.70
15
15.30
5.0
30
0.05
10.5
CMOZ16VC
15.68
16
16.32
5.0
40
0.05
11.2
CMOZ18VC
17.64
18
18.36
5.0
45
0.05
12.6
CMOZ20VC
19.60
20
20.40
5.0
55
0.05
14.0
CMOZ22VC
21.56
22
22.44
5.0
55
0.05
15.4
CMOZ24VC
23.52
24
24.48
5.0
70
0.05
16.8
CMOZ27VC
26.46
27
27.54
5.0
80
0.05
18.9
CMOZ30VC
29.40
30
30.60
5.0
80
0.05
21.0
CMOZ33VC
32.34
33
33.66
5.0
80
0.05
23.1
CMOZ36VC
35.28
36
36.72
5.0
90
0.05
25.2
CMOZ39VC
38.22
39
39.78
5.0
130
0.05
27.3
CMOZ43VC
42.14
43
43.86
5.0
150
0.05
30.1
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
SOD-523 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode
www.centr a lsemi.com
R3 (15-April 2011)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com