Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV209 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MV209
Description  Silicon Epicap Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MV209 Datasheet(HTML) 2 Page - Leshan Radio Company

  MV209 Datasheet HTML 1Page - Leshan Radio Company MV209 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MBV109. MMBV109*. MV209*–2/2
MBV109T1 MMBV109LT1 MV209
1000
100
10
10
100
1000
40
36
32
28
24
20
16
12
8
4
0
1
3
10
30
100
f , FREQUENCY ( MHz )
Figure 2. Figure of Merit
V R , REVERSE VOLTAGE (VOLTS)
Figure 1. Diode Capacitance
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
–75
–50
–25
0
+25
+50
+75
+100
+125
T A,AMBIENTTEMPERATURE (°C)
Figure 4. Diode Capacitance
100
20
10
2.0
1.0
0.2
0.1
0.02
0.01
0.002
0.001
–60
–40
–20
0
20
40
60
80
100
120
140
T A,AMBIENTTEMPERATURE (°C)
Figure 3 . Leakage Current
NOTES ON TESTINGAND SPECIFICATIONS
1. C
R is the ratio of C t measured at 3.0 Vdc divided by C t measured at 25 Vdc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com