Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPZDC22V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZDC22V
Description  SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZDC22V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZDC22V Datasheet HTML 1Page - Central Semiconductor Corp CMPZDC22V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPZDC2V4 THRU CMPZDC47V
SURFACE MOUNT
DUAL, COMMON CATHODE
SILICON ZENER DIODES
2.4 VOLTS THRU 47 VOLTS
350mW
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZDC2V4
series dual silicon Zener diode is a highly quality
voltage regulator, connected in a common cathode
configuration, for use in industrial, commercial,
entertainment and computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
SOT-23 CASE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMPZDC2V4
2.2
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
CCW3
CMPZDC2V7
2.5
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
CCW4
CMPZDC3V0
2.8
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
CCW5
CMPZDC3V3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
CCW6
CMPZDC3V6
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
CCW7
CMPZDC3V9
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
CCW8
CMPZDC4V3
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
CCW9
CMPZDC4V7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
CCZ1
CMPZDC5V1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
CCZ2
CMPZDC5V6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
CCZ3
CMPZDC6V2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
CCZ4
CMPZDC6V8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
CCZ5
CMPZDC7V5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
CCZ6
CMPZDC8V2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
CCZ7
CMPZDC9V1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
CCZ8
CMPZDC10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
CCZ9
CMPZDC11V
10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
CCY1
CMPZDC12V
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
CCY2
CMPZDC13V
12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
CCY3
CMPZDC15V
13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
CCY4
CMPZDC16V
15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
CCY5
CMPZDC18V
16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
CCY6
CMPZDC20V
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
CCY7
CMPZDC22V
20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
CCY8
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 TO +175
°C
Thermal Resistance
ΘJA
429
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
R2 (10-August 2012)
www.centr a lsemi.com


Similar Part No. - CMPZDC22V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDC22V CENTRAL-CMPZDC22V Datasheet
117Kb / 2P
DUAL ZENER DIODE DUAL ZENER DIODE 350mW
CMPZDC22V CENTRAL-CMPZDC22V Datasheet
402Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
More results

Similar Description - CMPZDC22V

ManufacturerPart #DatasheetDescription
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
SILICON ZENER DIODES
RD4.7JS EIC-RD4.7JS Datasheet
39Kb / 3P
SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
Zener silicon diodes
logo
EIC discrete Semiconduc...
MZ55B3V0 EIC-MZ55B3V0 Datasheet
156Kb / 2P
SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com