Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P4908 Datasheet(PDF) 21 Page - NEC

Part # UPD78P4908
Description  16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P4908 Datasheet(HTML) 21 Page - NEC

Back Button UPD78P4908 Datasheet HTML 17Page - NEC UPD78P4908 Datasheet HTML 18Page - NEC UPD78P4908 Datasheet HTML 19Page - NEC UPD78P4908 Datasheet HTML 20Page - NEC UPD78P4908 Datasheet HTML 21Page - NEC UPD78P4908 Datasheet HTML 22Page - NEC UPD78P4908 Datasheet HTML 23Page - NEC UPD78P4908 Datasheet HTML 24Page - NEC UPD78P4908 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
21
µPD78P4908
Data Sheet U11681EJ2V0DS00
(1) Read mode
Set CE to L and OE to L to set read mode.
(2) Output disable mode
Set OE to H to set high impedance for data output and output disable mode.
Consequently, if several
µPD78P4908 devices are connected to a data bus, the OE pins can be controlled to
select data output from any of the devices.
(3) Standby mode
Set CE to H to set standby mode.
In this mode, data output is set to high impedance regardless of the OE setting.
(4) Page data latch mode
At the beginning of page write mode, set CE to H, PGM to H, and OE to L to set page data latch mode.
In this mode, 1 page (4 bytes) of data are latched to the internal address/data latch circuit.
(5) Page write mode
After latching the address and data for one page (4 bytes) using page data latch mode, adding a 0.1 ms program
pulse (active, low) to the PGM pin with both CE and OE set to H causes page write to be executed. Later, setting
both CE and OE to L causes program verification to be executed.
If programming is not completed after one program pulse, the write and verify operations may be repeated X times
(where X
≤ 10).
(6) Byte write mode
Adding a 0.1 ms program pulse (active, low) to the PGM pin with setting CE to L and OE to H causes byte write
to be executed. Later, setting OE to L causes program verification to be executed.
If programming is not completed after one program pulse, the write and verify operations may be repeated X times
(where X
≤ 10).
(7) Program verify mode
Set CE to L, PGM to H, and OE to L to set program verify mode. Use verify mode for verification following each
write operation.
(8) Program inhibit mode
Program inhibit mode is used to write to a single device when several
µPD78P4908 devices are connected in
parallel to OE , VPP, and D0 to D7 pins.
Use the page write mode or byte write mode described above for each write operation. Write operations cannot
be done for devices in which the PGM pin has been set to H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com