Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU314D Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STU314D
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU314D Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STU314D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
IGSS
±10
uA
VGS(th)
1
V
22
gFS
25
S
VSD
CISS
505
pF
COSS
105
pF
CRSS
65
pF
Qg
12
nC
11
nC
Qgs
16.6
nC
Qgd
14
tD(ON)
8.8
ns
tr
1.5
ns
tD(OFF)
2.3
ns
tf
ns
Gate-Drain Charge
VDS=15V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=15V
ID=1A
VGS=10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=15V,ID=16A,VGS=10V
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=16A
VDS=5V , ID=16A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=24V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
N-Channel ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=13.7A
28
31
40
m ohm
c
f=1.0MHz
c
VDS=15V,ID=16A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=1.7A
0.8
1.2
V
STU314D
www.samhop.com.tw
Feb,04,2009
2
nC
VDS=15V,ID=16A,VGS=4.5V
4.3
1.9
b
IS
Maximum Continuous Drain-Source Diode Forward Current
A
1.7
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com