Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD09N25 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STUD09N25
Description  Super high dense cell design for low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD09N25 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button STUD09N25 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 9Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 10Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ver 1.0
www.samhop.com.tw
Sep,09,2013
6
TO-252
0.200
0.400
0.889
5.300
8.900
0.508 REF.
L4
0.500
2.290 REF
b1
6.300
6.731
b
L3
1.397
1.770
L1
A1
2.743 REF.
L2
5.515
4.900
1
2
3
E1
D
E
b2
D1
L3
L4
b1
e
b
H
C
A
DETAIL "A"
1
L
L1
A1
L2
DETAIL "A"
A
2.100
2.500
MAX
MIN
0.000
0.770
1.140
C
0.400
0.600
D
6.223
D1
E
e
10.400
L
H
1.100
1
0°
7°
REF.
10°
MAX
MIN
MILLIMETERS
INCHES
0.083
0.098
0.000
0.008
0.016
0.035
0.030
0.045
0.016
0.024
0.209
0.245
0.193
0.217
0.248
0.265
0.090 BSC
0.350
0.409
0.055
0.070
0.108 REF.
0.020 REF.
0.020
0.043
0°
7°
REF.
10°
SYMBOLS
E1
4.400
5.004
0.173
0.197
b2
4.800
5.460
0.189
0.215
1.700
0.890
0.035
0.067
STU09N25
STD09N25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com