Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD412S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD412S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD412S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD412S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD412S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STU/D412S
Symbol
VDS
VGS
IDM
EAS
W
A
PD
°C
16
-55 to 150
ID
Units
Parameter
40
22
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
10
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
40V
22A
40 @ VGS=4.5V
26 @ VGS=10V
FEATURES
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
A
Avalanche Energy
c
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Ver 1.0
www.samhop.com.tw
Aug,07,2008
1
TO-252 and TO-251 Package.
Super high dense cell design for low RDS(ON).
Rugged and reliable.
STU SERIES
TO-252AA(D-PAK)
G
S
D
STD SERIES
TO-251(l-PAK)
G
S
D
TA=25°C
TA=25°C
ESD Protected.
G
D
S
80
TA=70°C
17.5
A
TA=70°C
25
W
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
5
°C/W
Thermal Resistance, Junction-to-Case
R JC
a
a


Similar Part No. - STUD412S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD413S SAMHOP-STUD413S Datasheet
113Kb / 8P
Super high dense cell design for low RDS(ON).
STUD417L SAMHOP-STUD417L Datasheet
112Kb / 8P
Super high dense cell design for low RDS(ON).
STUD417S SAMHOP-STUD417S Datasheet
131Kb / 8P
Super high dense cell design for low RDS(ON).
STUD419A SAMHOP-STUD419A Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD412S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com