Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD602-RT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MSD602-RT1
Description  NPN General Purpose Amplifier Transistor Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MSD602-RT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MSD602-RT1 Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
N7–1/1
MSD602–RT1
NPN General Purpose Amplifier
Transistor Surface Mount
3
CASE
318D–03, STYLE1
SC–59
1
2
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
60
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current–Continuous
IC
500
mAdc
Collector Current–Peak
IC(P)
1.0
Adc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (T A = 2
5°C)
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage (I C = 10 mAdc, I B = 0)
V(BR)CEO
50
—
Vdc
Collector-Base Breakdown Voltage (I C = 10
µAdc, I
E = 0)
V(BR)CBO
60
—
Vdc
Emitter-Base Breakdown Voltage (I E = 10
µAdc, I
C = 0)
V(BR)EBO
7.0
—
Vdc
Collector-Base Cutoff Current (V CB = 20Vdc, I E = 0)
I CBO
—
0.1
µAdc
DC Current Gain (1)
—
(V CE = 10 Vdc, I C = 150 mAdc)
hFE1
120
240
(V CE = 10 Vdc, I C = 500 mAdc)
hFE2
40
—
Collector-Emitter Saturation Voltage (I C = 300 mAdc, I B = 30 mAdc)
VCE(sat)
—
0.6
Vdc
Output Capacitance(VCB=10Vdc,IE=0,f=1.0MHz)
Cob
—15
pF
1. Pulse Test: Pulse Width < 300
µs, D.C < 2%.
DEVICE MARKING
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
Marking Symbol
WRX
COLLECTOR
3
2
1
BASE
EMITTER


Similar Part No. - MSD602-RT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
logo
E-Tech Electronics LTD
MSD602-RT1 ETL-MSD602-RT1 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
63Kb / 5P
NPN General Purpose Amplifier Transistor Surface Mount
August, 2014 ??Rev. 10
MSD602-RT1G ONSEMI-MSD602-RT1G_14 Datasheet
63Kb / 5P
NPN General Purpose Amplifier Transistor Surface Mount
August, 2014 ??Rev. 10
More results

Similar Description - MSD602-RT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
logo
E-Tech Electronics LTD
MSD602 ETL-MSD602 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
logo
NTE Electronics
NTE2646 NTE-NTE2646 Datasheet
57Kb / 2P
Silicon NPN Transistor General Purpose Amplifier, Switch Surface Mount
logo
ON Semiconductor
2SC4081RT1 ONSEMI-2SC4081RT1 Datasheet
48Kb / 2P
General Purpose Amplifier Transistor NPN Surface Mount
May, 2006 ??Rev. 4
logo
OPTEK Technologies
2N2222AUA OPTEK-2N2222AUA Datasheet
192Kb / 3P
Surface Mount NPN General Purpose Transistor
logo
Leshan Radio Company
LMSD1819A-RT1G LRC-LMSD1819A-RT1G_11 Datasheet
89Kb / 4P
General Purpose Amplifier Transistor NPN Silicon Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
MSD602-RT1G ONSEMI-MSD602-RT1G_14 Datasheet
63Kb / 5P
NPN General Purpose Amplifier Transistor Surface Mount
August, 2014 ??Rev. 10
logo
TT Electronics.
2N2222AUB TTELEC-2N2222AUB Datasheet
254Kb / 3P
Surface Mount NPN General Purpose Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com