Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4366-2
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4366-2_15 Datasheet HTML 9Page - Linear Technology LTC4366-2_15 Datasheet HTML 10Page - Linear Technology LTC4366-2_15 Datasheet HTML 11Page - Linear Technology LTC4366-2_15 Datasheet HTML 12Page - Linear Technology LTC4366-2_15 Datasheet HTML 13Page - Linear Technology LTC4366-2_15 Datasheet HTML 14Page - Linear Technology LTC4366-2_15 Datasheet HTML 15Page - Linear Technology LTC4366-2_15 Datasheet HTML 16Page - Linear Technology LTC4366-2_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4366-1/LTC4366-2
436612fd
For more information www.linear.com/LTC4366
13
applicaTions inForMaTion
Followinganovervoltagefault,puttingthepartinshutdown
will clear the fault, allowing operation to resume once the
LTC4366 leaves shutdown.
Output Short
A sudden short on the output can result in excessive cur-
rent into the LTC4366 GATE pin supplied from the gate
capacitor, CG. The GATE pin is internally clamped to OUT
with a 10V to 12V clamp. If the OUT pin is pulled low
while the GATE pin is held up with CG, then the clamp will
be damaged trying to discharge CG when clamp voltage
is exceeded. One solution is to add a 1k RS resistor in
series with CG with a bypass diode as shown in Figure 3.
The diode allows the capacitor to function as a bypass for
energy coming from the MOSFET drain to gate capacitor
during an supply overvoltage.
GATE
DBYPASS
RS
1k
CG
436612 F03
RG
M1
LTC4366
OUT
10V TO
12V
Figure 3. Output Short Protection
LTC4366
BASE
436612 F04
RSS
VSS
Figure 4. External PNP Option
Resistor Power Ratings
The proper rating for the RSS resistor in Figure 1 must be
considered. During an overvoltage event the OUT pin is
at regulation voltage (VREG), so the voltage across RSS is
VREGminus5.7V.Asmallminimumsupplyvoltagereduces
the value of RSS. Therefore, large differences between
minimum supply voltage and the regulation voltage may
require a large power resistor for RSS.
The full supply voltage minus 12V can appear across
RIN during the overvoltage cool-down period. Normally
the value for RIN is several times larger than RSS which
lowers the power and size requirements for this resistor.
External PNP
InsomecasesthepowerresistorforRSSmaybephysically
large. A large value RSS (with lower power and size) may
be used in conjunction with a PNP as shown in Figure 4.
In addition to the 0.8µA sourced from the BASE pin, the
base current from the PNP must flow through RSS which
will limit the maximum RSS value. In some cases the
minimum PNP Beta is as low as 35. The base current
becomes 10µA when the VSS current is 350µA. One can
see this allows a 35 (Beta) times larger RSS than the ap-
plication without the PNP.
Minimum Supply Start-Up
When designing for the minimum supply condition, it is
important that RSS and RIN are chosen to provide enough
current to sufficiently charge C1 to 4.75V. The parameters
that determine the minimum supply voltage include: C1
voltage, MOSFET threshold voltage, a series Schottky
diode voltage drop, resistance of RSS and RIN, current in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com