Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3025LSD Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMC3025LSD
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3025LSD Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DMC3025LSD_15 Datasheet HTML 2Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 3Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 4Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 5Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 6Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 7Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 8Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 9Page - Diodes Incorporated DMC3025LSD_15 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DMC3025LSD
Document number: DS35717 Rev. 7 - 2
8 of 10
www.diodes.com
February 2015
© Diodes Incorporated
DMC3025LSD
0
0.02
0.04
0.06
0.08
0.10
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 19. On-Resistance Variation with Temperature
V
= -10V
I =
A
GS
D
-10
V
=
5V
I =
A
GS
D
-4.
-5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 20. Gate Threshold Variation vs. Ambient Temperature
A
0
4
8
12
16
20
0.4
0.6
0.8
1.0
1.2
1.4
-V
, SOURCE-DRAIN VOLTAGE (V)
Figure 21. Diode Forward Voltage vs. Current
SD
10
1,000
10,000
100
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 22. Typical Junction Capacitance
DS
Coss
Crss
f = 1MHz
Ciss
0
2
4
6
8
10
12
Q , TOTAL GATE CHARGE (nC)
Figure 23. Gate-Charge Characteristics
g
0
2
4
6
8
10
R
Limited
DS(on)
DC
P
= 10s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ
T
= 150°C
T = +25°C
J(max)
A
Single Pulse
P
= 1s
W
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 24. SOA, Safe Operation Area
DS
0.01
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com