Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM8027
Description  60V, 4A DC/DC Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM8027_15 Datasheet HTML 14Page - Linear Technology LTM8027_15 Datasheet HTML 15Page - Linear Technology LTM8027_15 Datasheet HTML 16Page - Linear Technology LTM8027_15 Datasheet HTML 17Page - Linear Technology LTM8027_15 Datasheet HTML 18Page - Linear Technology LTM8027_15 Datasheet HTML 19Page - Linear Technology LTM8027_15 Datasheet HTML 20Page - Linear Technology LTM8027_15 Datasheet HTML 21Page - Linear Technology LTM8027_15 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LTM8027
21
8027fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
1/11
Changed Shutdown Current Supply to 9µA in Features.
Updated Absolute Maximum Ratings section.
Updated VBIAS1(MINOV) and Note 3 in Electrical Characteristics section.
Replaced graph 9.
Updated Pin Functions section.
Text edits to Applications Information.
Updated Typical Applications.
Updated Related Parts.
1
2
3
4
9
11-16
17, 18
22
B
9/11
Added (Note 3) notation to the Order Information section.
Updated minimum spec for VBIAS2.
Updated descriptions for AUX and BIAS2 in the Pin Functions section.
Updated text in the Input Power Requirements section.
Added text to end of the BIAS Power section.
2
3
9
11
12
C
05/14
Add BGA package option
Add advisory notice
Add BGA package drawing
1, 2
9
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com