Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT81 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # RT81
Description  AUTOMOTIVE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RT81 Datasheet(HTML) 2 Page - Leshan Radio Company

  RT81 Datasheet HTML 1Page - Leshan Radio Company RT81 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
13C–2/2
RT805-RT810
BRIDGE RECTIFIERS RATING AND CHARACTERISTIC CURVES
FIG. 2 - MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
PERCENT OF RATED PEAK REVERSE OLTAGE,(%)
0
50
100
150
20
40
60
80
100
120
140
100
10
1.0
.1
TC = 100°C
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
150
120
90
60
30
5
1
2
5
10
20
50
100
AMBIENT TEMPERATUER.°C
NUMBER OF CYCLES AT 60Hz
TA = 25
°C
INSTANTANEOUS FORWARD VOLTAGE.VOLTS
6
7
8
9
10
11
12
13
100
10
1.0
.1
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD PER
BRIDGE ELEMENT
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 125
°C
8.3ms Single Half Sine Wave
MOUNTES ON 4:4 INCH
CPUFER PC BOARD
0.5”(12.7mm) Lead length
8
6
4
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com