Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT84 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RT84
Description  AUTOMOTIVE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RT84 Datasheet(HTML) 1 Page - Leshan Radio Company

  RT84 Datasheet HTML 1Page - Leshan Radio Company RT84 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
13C–1/2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase,half wave,
60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
AUTOMOTIVE BRIDGE RECTIFIERS
RT805 – RT810
TYPE
PRV
V PK
Maximum
Average
Forward
Output
Current
@TA= 60°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =3.0ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
VF
VPK
Maximum
Peak
Reverse
Voltage
RT – 8
8.0
150
10
500
125
1.0
50
100
200
400
600
800
1000
Operating
Junction
Temperature
RT805
RT81
RT82
RT84
RT86
RT88
RT810
1.300(33.0)
1.240(31.5)
.410(10.4)
.390(9.9)
.985(25.0)
.925(23.5)
.750
MIN.
.(19.0)
.667(17.2)
.657(16.7)
RT – 8
1.890(48.0)
1.810(46.0)
.225(5.7)
.205(5.2)
.260(6.6)
.240(6.1)
5.20
4.95
.122(3.1)
.082(2.1)
.027(.7)
.021(.5)
.030(.8)
.010(.3)
.960(24.4)
.940(23.9)
1.740(44.2)
1.700(43.2)


Similar Part No. - RT84

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
RT8402GJ6 RICHTEK-RT8402GJ6 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
RT8409 RICHTEK-RT8409 Datasheet
175Kb / 11P
Green Mode Buck Converter
RT8409GS RICHTEK-RT8409GS Datasheet
175Kb / 11P
Green Mode Buck Converter
RT8415 RICHTEK-RT8415 Datasheet
545Kb / 13P
Two-Stage Hysteretic LED Driver
More results

Similar Description - RT84

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com