Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF22 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF22
Description  SUPER FAST DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF22 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF22 Datasheet HTML 1Page - Leshan Radio Company SF22 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
8A–1/2
SF21
SF22
SF23
SF24
SF25
SF26
50
100
150
200
300
400
SUPER FAST DIODES
TYPE
Maximum
Peak
Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @ 8.3ms
Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ TA=25ºC
Package
Dimensions
Maximum
Reverse
Recovery
Time
PRV
VPK
Trr
I F=0.5A, I R=1.0A, I RR=0.25A
Trr Test Conditions: I F=0.5A, I R=1.0A, I RR=0.25A
55
2.0
75
5.0
35
SF21 – SF26
DO - 15
I O @T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
T rr
ns
0.95
0.95
0.95
0.95
1.25
1.25
2.0
.140(3.6)
DIA
.104(2.6)
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN
DO – 15


Similar Part No. - SF22

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF22 MOSPEC-SF22 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF22 WTE-SF22 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF22 ZOWIE-SF22 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF22 RECTRON-SF22 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF22 JGD-SF22 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF22

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM35HG-34S MITSUBISHI-RM35HG-34S Datasheet
22Kb / 2P
Super Fast Recovery Diodes
logo
EIC discrete Semiconduc...
SF21 EIC-SF21 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Leshan Radio Company
SF11 LRC-SF11 Datasheet
55Kb / 2P
SUPER FAST DIODES
SF31 LRC-SF31 Datasheet
59Kb / 2P
SUPER FAST DIODES
UF4001 LRC-UF4001 Datasheet
74Kb / 2P
SUPER FAST DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
SUPER FAST RECTIFIER DIODES
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
SUPER FAST RECTIFIER DIODES
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com