Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT6427 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT6427
Description  SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT6427 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT6427 Datasheet HTML 1Page - Central Semiconductor Corp CMPT6427 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT6427
SURFACE MOUNT
NPN SILICON
DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT6427 type
is a NPN silicon darlington transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for applications requiring
extremely high gain.
MARKING CODE: C1V
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
12
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=30V
50
nA
ICEO
VCE=25V
1.0
μA
IEBO
VBE=10V
50
nA
BVCBO
IC=100μA
40
V
BVCEO
IC=10mA
40
V
BVEBO
IE=10μA
12
V
VCE(SAT)
IC=50mA, IB=0.5mA
1.20
V
VCE(SAT)
IC=500mA, IB=0.5mA
1.50
V
VBE(SAT)
IC=500mA, IB=0.5mA
2.00
V
VBE(ON)
VCE=5.0V, IC=50mA
1.75
V
hFE
VCE=5.0V, IC=10mA
10K
100K
hFE
VCE=5.0V, IC=100mA
20K
200K
hFE
VCE=5.0V, IC=500mA
14K
140K
fT
VCE=5.0V, IC=10mA, f=100MHz
130
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
7.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
pF
NF
VCE=5.0V, IC=1.0mA, RS=100kΩ,
f=1.0kHz to 15.7kHz
10
dB
SOT-23 CASE
R6 (1-February 2010)
www.centra lsemi.com


Similar Part No. - CMPT6427

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT6427 CENTRAL-CMPT6427 Datasheet
78Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
CMPT6427 CENTRAL-CMPT6427_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results

Similar Description - CMPT6427

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXTA27 CENTRAL-CXTA27_10 Datasheet
289Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28_10 Datasheet
533Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
BCV47 CENTRAL-BCV47_10 Datasheet
327Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMPT6427 CENTRAL-CMPT6427_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
BCV47 CENTRAL-BCV47 Datasheet
558Kb / 4P
SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E Datasheet
447Kb / 3P
SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMPTA14E CENTRAL-CMPTA14E Datasheet
327Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMPTA27 CENTRAL-CMPTA27 Datasheet
321Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
406Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28 Datasheet
528Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com