Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA27 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA27
Description  SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA27 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA27 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA27 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTA27
SURFACE MOUNT
NPN SILICON
DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA27 type is
a NPN Silicon Darlington Transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for applications requiring
extremely high gain.
MARKING CODE: FG
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCES
60
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=50V
500
nA
ICBO
VCB=50V
100
nA
IEBO
VBE=10V
100
nA
BVCES
IC=100µA
60
V
BVCBO
IC=100µA
60
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
10,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
SOT-23 CASE
R6 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTA27

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA27 CENTRAL-CMPTA27 Datasheet
99Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
More results

Similar Description - CMPTA27

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXTA27 CENTRAL-CXTA27_10 Datasheet
289Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28_10 Datasheet
533Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
BCV47 CENTRAL-BCV47_10 Datasheet
327Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMPT6427 CENTRAL-CMPT6427_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
BCV47 CENTRAL-BCV47 Datasheet
558Kb / 4P
SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E Datasheet
447Kb / 3P
SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMPT6427 CENTRAL-CMPT6427 Datasheet
323Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMPTA14E CENTRAL-CMPTA14E Datasheet
327Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
406Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28 Datasheet
528Kb / 2P
SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com