Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6505 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS6505
Description  PIR SENSOR INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6505 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS6505 Datasheet HTML 1Page - LSI Computer Systems LS6505 Datasheet HTML 2Page - LSI Computer Systems LS6505 Datasheet HTML 3Page - LSI Computer Systems LS6505 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - VSS
+5.5
V
Any input voltage
VIN
VSS - 0.3 to VDD + 0.3
V
Operating temperature
TA
-40 to +85
°C
Storage temperature
TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS:
( All voltages referenced to VSS, TA = -40˚C to +55˚C, 4.5V
≤ VDD ≤ 5.5V, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
SUPPLY CURRENT:
VDD = 5V
IDD
-
150
200
µA
Triac and LED
VDD = 4.5V - 5.5V
IDD
-
180
240
µA
outputs not loaded
DIFFERENTIAL AMPLIFIERS:
Open Loop Gain, Each Stage
G
70
-
-
dB
-
Common Mode Rejection Ratio
CMRR
60
-
-
dB
-
Power Supply Rejection Ratio
PSRR
60
-
-
dB
-
Output Drive Current
ID
-
-
25
µA
-
Input Sensitivity
VS
100
-
-
µV
TA = 25˚C, with Amplifier
(Minimum Detectable Voltage
Bandpass configuration
to first amplifier when both
as shown in Figure 3
amplifiers are cascaded for
a net gain of 5,000)
Input Dynamic Range
-
0
-
2.5
V
-
Diff. Amp 2 Internal
VIR
-
0.4VR
-
V
-
Reference
COMPARATOR:
Lower Reference
VTHL
-
VIR - 0.5V
-
V
-
Higher Reference
VTHH
-
VIR + 0.5V
-
V
-
DIGITAL FILTER:
Input Pulse Width
TPW
66.3
-
-
ms
60Hz operation
(for recognition)
TPW
79.6
-
-
ms
50Hz operation
OUTPUT DRIVE CURRENT:
Triac
IO
-40
-
-
mA
With 3V Triac Gate
Warning: Source Current
Iw +
2
-
-
mA
Vo =VDD - 0.5V
Sink Current
Iw -
1
-
-
mA
Vo = 0.3V Max
TRIAC OUTPUT TIMING:
Pulse Width
TTPW
20
30
45
µs
VDD = 5V, f = 60Hz and
Delay from zero crossover
TOD
1.00
1.2
1.32
ms
2.7V P-P AC input
Delay difference between
TODD
-
-
150
µs
f = 60Hz
zero crossovers
AC INPUT IMPEDANCE
ZAC
270
-
-
k
Ω
-
LED OUTPUT:
Source Current
IS+
2
-
-
mA
Vo = VDD - 0.5V
Sink Current
IS-
1
-
-
mA
Vo = 0.3V
Pulse Width
TLPW
0.75
1
1.25
sec
f = 60Hz
DUAL PULSE MODE:
Time between pulse-pairs
TR
-
-
5.125
sec
f = 60Hz
for motion recognition
6505-110102-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com