Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W10 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # W10
Description  1.5A WOM BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

W10 Datasheet(HTML) 2 Page - Leshan Radio Company

  W10 Datasheet HTML 1Page - Leshan Radio Company W10 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
2C–2/2
W005-W10
1.5A
1.5A BRIDGE RATING & CHARACTERISTIC CURVES
FIG. 2 - PEAK FOWARD SURGE CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100
120
140
20
40
60
80
100
120
140
10
1.0
.1
.01
TJ =100°C
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - FORWARD DERATING CURVE
50
40
30
20
10
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATUER.°C
NUMBER OF CYCLES AT 60Hz
Resistive or
lnductive Load
PC BOARD
MOUNTED WITH
0.47” X 0.47”
12mm X 12mm
COPPER PARDS
8.3ms Single Half Sine-Wave
TJ =25°C
1.5
1.0
.5
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com