Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7061 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7061
Description  32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7061 Datasheet(HTML) 7 Page - LSI Computer Systems

  LS7061 Datasheet HTML 1Page - LSI Computer Systems LS7061 Datasheet HTML 2Page - LSI Computer Systems LS7061 Datasheet HTML 3Page - LSI Computer Systems LS7061 Datasheet HTML 4Page - LSI Computer Systems LS7061 Datasheet HTML 5Page - LSI Computer Systems LS7061 Datasheet HTML 6Page - LSI Computer Systems LS7061 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
TEST COUNT
6 STATE
STATIC SCAN COUNTER AND
DECODER
(STOPS IN STATE 6 UNTIL SCAN RESET
CAUSES RESET TO STATE ONE)
ST2
ST3
ST4
ST5
CSC
RSC
V DD
V SS
ENABLE
SCAN
SCAN RESET/LOAD
8 BIT MUX BUS
EN
THREE STATE
OUTPUT DRIVERS
8 BITS
ENABLE
LSB
MSB
DATA OUT
ST6
CASCADE ENABLE
RESET
FIGURE 8A.
LS7061 BLOCK DIAGRAM
B0
B0
B7
+V
-V
1
12
14
13
15
16
10
9
7
5
3
24
23 20 18
B0
B7
B0
B7
B0
B7
11
B1 B2 B3 B4 B5 B6 B7
B0
B1
B2
B3
B4
B5
B6
B7
LOAD
8 BIT LATCH
G
MUX
GATE
DATA IN
(COUNT)
ST1
22
19
2
21
17
6
8
4
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
6 STATE
STATIC SCAN COUNTER AND
DECODER
(STOPS IN STATE 6 UNTIL SCAN RESET
CAUSES RESET TO STATE ONE)
ST2
ST3
ST4
ST5
CSC
RSC
V DD
V SS
ENABLE
SCAN
SCAN RESET/LOAD
8 BIT MUX BUS
EN
THREE STATE
OUTPUT DRIVERS
8 BITS
ENABLE
LSB
MSB
DATA OUT
ST6
CASCADE ENABLE
RESET
FIGURE 8B.
LS7063 BLOCK DIAGRAM
B0
B7
+V
-V
COUNT B
10
1
12
15
11
B0
9
7
5
3
24 23 20
18
B1 B2 B3 B4 B5 B6 B7
B0
B7
B0
B7
B0
B7
16
13
14
B0
B1
B2
B3
B4
B5
B6
B7
LOAD
8 BIT LATCH
G
MUX
GATE
DATA IN
(COUNT A)
ST1
22
19
2
21
17
6
8
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com