Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7062 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7062
Description  32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7062 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7062 Datasheet HTML 1Page - LSI Computer Systems LS7062 Datasheet HTML 2Page - LSI Computer Systems LS7062 Datasheet HTML 3Page - LSI Computer Systems LS7062 Datasheet HTML 4Page - LSI Computer Systems LS7062 Datasheet HTML 5Page - LSI Computer Systems LS7062 Datasheet HTML 6Page - LSI Computer Systems LS7062 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
8 BIT BINARY
COUNTER
R
C
LOAD
8 BIT LATCH
G
MUX
GATE
TEST COUNT
5 STATE
STATIC SCAN COUNTER AND
DECODER
(STOPS IN STATE 5 UNTIL SCAN RESET
CAUSES RESET TO STATE ONE)
ST1
ST2
ST3
ST4
CSC
RSC
VDD
VSS
ENABLE
SCAN
SCAN RESET/LOAD
8 BIT MUX BUS
EN
THREE STATE
OUTPUT DRIVERS
8 BITS
ENABLE
LSB
MSB
DATA OUT
ST5
CASCADE ENABLE
RESET
FIGURE 9A. LS7060 BLOCK DIAGRAM
ALT COUNT
COUNT
B0
B0
B7
+V
-V
18
9
11
10
12
1
2
13
7
6 5
4
3
17 16 15
14
B0
B7
B0
B7
B0
B7
8
B1 B2 B3 B4 B5 B6 B7
7060/62-071798-6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com