Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7063 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7063
Description  32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7063 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7063 Datasheet HTML 1Page - LSI Computer Systems LS7063 Datasheet HTML 2Page - LSI Computer Systems LS7063 Datasheet HTML 3Page - LSI Computer Systems LS7063 Datasheet HTML 4Page - LSI Computer Systems LS7063 Datasheet HTML 5Page - LSI Computer Systems LS7063 Datasheet HTML 6Page - LSI Computer Systems LS7063 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
StorageTemperature
TSTG
-55 to +150
°C
Operating Temperature
TA
0 to +70
°C
Voltage (any pin to VSS)
VIN
+10 to -0.3
V
DC ELECTRICAL CHARACTERISTICS:
(VDD = +5V ± 5%, VSS = 0V, TA = 0˚C to + 70˚C unless otherwise noted.)
PARAMETER
SYMBOL
Min
MAX
UNIT
CONDITIONS
Power Supply Current
IDD
-
15
mA
At Maximum Operating Frequency
VDD = Max, Outputs No Load
Input High Voltage
VIH
+3.5
VDD
V
-
Input Low Voltage
VIL
0
+0.6
V
-
Output High Voltage
CASCADE ENABLE
VOH
VDD-0.2
-
V
IO = 0, VDD = Min
+2.4
-
V
IO = -100µA, VDD = Min
B0 - B7
+2.4
-
V
IO = -260µA, VDD = Min
+2.0
-
V
IO = -750µA, VDD = Min
Output Low Voltage
CASCADE ENABLE
VOL
-
+0.2
V
IO = 0, VDD = Min
+0.4
V
IO = 1.6mA, VDD = Min
B0 - B7
+0.4
V
IO = 1.6mA, VDD = Min
Output Source Current
Isource
3.0
-
mA
VO = +1.2V, VDD = Min
B0 - B7 Outputs
4.8
-
mA
VO = +0.8V, VDD = Min
7.3
-
mA
VO = +0.4V, VDD = Min
Output Sink Current
Isink
5.7
-
mA
VO = +1.2V, VDD = Min
B0 - B7 Outputs
4.0
-
mA
VO = +0.8V, VDD = Min
2.2
-
mA
VO = +0.4V, VDD = Min
Output Leakage Current
IOL
-
1
µA
VO = +.4V to +2.4V,VDD = Min
B0 - B7 (Off State)
Input Capacitance
CIN
-
6
pF
TA = 25˚C, f = 1MHz
Output Capacitance
COUT
-
12
pF
TA = 25˚C, f = 1MHz
Input Leakage Current
ILI
-
1
µA
VDD = Max
ENABLE, RESET, SCAN
Input Current
*SCAN RESET/LOAD
IIH
-
-2.5
µA
VDD = Max, VIH = +3.5
IIL
-
-5
µA
VDD = Max, VIL = 0
**B0-B7, COUNT B,
IIH
-
5
µA
VDD = Max, VIH = +3.5
TEST COUNT
IIL
-
1
µA
VDD = Max, VIL = 0
*Input has internal pull-up resistor to VDD
** Inputs have internal pull-down resistor to VSS
7061/63-090198-3
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com