Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7082 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7082
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7082 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7082 Datasheet HTML 1Page - LSI Computer Systems LS7082 Datasheet HTML 2Page - LSI Computer Systems LS7082 Datasheet HTML 3Page - LSI Computer Systems LS7082 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUADRATURE CLOCK CONVERTER
FEATURES:
• x1, x2 and x4 mode selection
• Up to 16 MHz output clock frequency
• INDEX input and output
• UP/DOWN indicator output
• Programmable output clock pulse width
• On-chip filtering of inputs for optical or
magnetic encoder applications.
• TTL and CMOS compatible I/Os
• +4.5V to +10.0V operation (VDD-VSS)
• LS7082 (DIP); LS7082-S (SOIC ) - See Figure 1
INPUT/OUTPUT DESCRIPTION:
VDD (Pin 1)
Supply Voltage positive terminal.
INDX (Pin 2)
Encoder Index pulses are applied to this input.
RBIAS (Pin 3)
Input for external component connection. A resistor con-
nected between this input and VSS adjusts the output clock
pulse width (Tow). For proper operation, the output clock
pulse width must be less than or equal to the A,B pulse
separation (TOW
≤ TPS).
VSS (Pin 4)
Supply Voltage negative terminal.
A (Pin 5)
Quadrature Clock Input A. This input has a filter circuit to
validate input logic level and eliminate encoder dither.
x2 (Pin 8)
A low level applied to this input selects x2 mode of opera-
tion. See Table 1 for Mode Selection Truth Table and
Figure 2 for Input/Output timing relationship.
B (Pin 9)
Quadrature Clock Input B. This input has a filter circuit
identical to input A.
x4/x1 (Pin 10)
This input selects between x1 and x4 modes of operation.
See Table 1 for Mode Selection Truth Table and Figure 2
for Input/Output timing relationship.
UP/DN (Pin 11)
The count direction at any instant is indicated at this out-
put. An UP count direction is indicated by a high, and a
DOWN count direction is indicated by a low (See Figure 2).
DNCK (Pin 12)
This DOWN Clock output consists of low-going pulses gen-
erated when A input lags the B input (See Figure 2).
UPCK (Pin 13)
This UP Clock output consists of low-going pulses gener-
ated when A input leads the B input (See Figure 2).
INDX (Pin 14)
This output consists of low-going pulses generated by
clock transitions at the A input when INDX input is high and
B input is low (See Figure 2).
NOTE: All unused input pins must be tied to VDD or VSS.
DESCRIPTION:
The LS7082 is a monolithic CMOS silicon gate quadrature
clock converter. Quadrature clocks derived from optical or
magnetic encoders, when applied to the A and B Inputs of the
LS7082, are converted to strings of Up Clocks and Down
Clocks. Pulses derived from the Index Track of an encoder,
when applied to the INDX input, produce absolute position ref-
erence pulses which are synchronized to the Up Clocks and
Down Clocks. These outputs can be interfaced directly with
standard Up/Down counters for direction and position sensing
of the encoder.
October 2000
1
2
3
4
5
6
7
INDX
UPCK
DNCK
UP/DN
x4/x1
B
x2
V DD (+V)
INDX
RBIAS
V SS (-V)
A
NC
NC
14
13
12
11
8
9
10
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
7082-100600-1
TABLE 1. MODE SELECTION TRUTH TABLE
x2 Input
x4/x1 Input
MODE
0
Don’t Care
x2
1
0
x1
1
1
x4
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7082
UL
®
A3800


Similar Part No. - LS7082

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7082

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7083 LSI-LS7083 Datasheet
39Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N Datasheet
352Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com