Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7083 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7083
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7083 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7083 Datasheet HTML 1Page - LSI Computer Systems LS7083 Datasheet HTML 2Page - LSI Computer Systems LS7083 Datasheet HTML 3Page - LSI Computer Systems LS7083 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 4. Tow vs RBIAS, K
VDD=5V
VDD=9V
VDD=10.0V
100
200
300
400
500
250
500
750
1000
1250
1500
VDD=5V
VDD=9V
VDD=10.0V
25
30
20
15
10
5
2
4
6
8
10
12
Figure 5. Tow vs RBIAS, M
7083/84-100100-4
ENCODER
A CLOCK
B CLOCK
6
2
8
7
4
5
8
16
VDD
CK-UP
CK-DN
40193
3
A
B
RB
4
5
1
+V
VSS
LS7083
x4/x1
VDD
UPCK
DNCK
FIGURE 6A. TYPICAL APPLICATION FOR LS7083 IN x4 MODE
+V
RBIAS
VSS
ENCODER
A CLOCK
B CLOCK
6
2
8
7
8
16
VDD
3
A
B
4
5
1
+V
x4/x1
VDD
+V
CK
UP/DN
VSS
15
10
LS7084
RBIAS
4516
CLK
UP/DN
MODE SELECT
FIGURE 6B. TYPICAL APPLICATION FOR LS7084 WITH x4/x1 MODE SELECTION
R
RB
VSS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com