Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7084 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7084
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7084 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7084 Datasheet HTML 1Page - LSI Computer Systems LS7084 Datasheet HTML 2Page - LSI Computer Systems LS7084 Datasheet HTML 3Page - LSI Computer Systems LS7084 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUADRATURE CLOCK CONVERTER
FEATURES:
• x1 and x4 mode selection
• Up to 16 MHz output clock frequency
• Programmable output clock pulse width
• On-chip filtering of inputs for optical or
magnetic encoder applications.
• TTL and CMOS compatible I/Os
• +4.5V to +10.0V operation (VDD-VSS)
• LS7083, LS7084 (DIP)
LS7083-S, LS7084-S (SOIC) - See Figure 1
INPUT/OUTPUT DESCRIPTION:
RBIAS (Pin 1)
Input for external component connection. A resistor con-
nected between this input and V SS adjusts the output clock
pulse width (Tow). For proper operation, the output clock
pulse width must be less than or equal to the A,B pulse
separation (TOW
≤TPS).
VDD (Pin 2)
Supply Voltage positive terminal.
VSS (Pin 3)
Supply Voltage negative terminal.
A (Pin 4)
Quadrature Clock Input A. This input has a filter circuit to
validate input logic level and eliminate encoder dither.
B (Pin 5)
Quadrature Clock Input B. This input has a filter circuit
identical to input A.
x4/x1 (Pin 6)
This input selects between x1 and x4 modes of operation.
A high-level selects x4 mode and a low-level selects the x1
mode. In x4 mode, an output pulse is generated for every
transition at either A or B input. In x1 mode, an output
pulse is generated in one combined A/B input cycle.
(See Figure 2.)
LS7083 - DNCK (Pin 7)
In LS7083, this is the DOWN Clock Output. This output con-
sists of low-going pulses generated when A input lags the B
input.
LS7084 - UP/DN (Pin 7)
In LS7084, this is the count direction indication output.
When A input leads the B input, the UP/DN output goes high
indicating that the count direction is UP. When A input lags
the B input, UP/DN output goes low, indicating that the count
direction is DOWN.
LS7083 - UPCK (Pin 8)
In LS7083, this is the UP Clock output. This output consists
of low-going pulses generated when A input leads the B in-
put.
LS7084 - CLK (Pin 8)
In LS7084, this is the combined UP Clock and DOWN Clock
output. The count direction at any instant is indicated by the
UP/DN output (Pin 7).
NOTE: For the LS7084, the timing of CLK and UP/DN re-
quires that the counter interfacing with LS7084 counts on the
rising edge of the CLK pulses.
DESCRIPTION:
The LS7083 and LS7084 are monolithic CMOS silicon gate
quadrature clock converters.
Quadrature clocks derived
from optical or magnetic encoders, when applied to the A
and B inputs of the LS7083/LS7084, are converted to strings
of Up Clocks and Down Clocks (LS7083) or to a Clock and
an Up/Down direction control (LS7084). These outputs can
be interfaced directly with standard Up/Down counters for di-
rection and position sensing of the encoder.
October 2000
RBIAS
VDD(+V)
VSS(-V)
A
B
x4/x1
DNCK
UPCK
PIN ASSIGNMENT - TOP VIEW
CLK
UP/DN
FIGURE 1
1
2
3
4
8
7
6
5
RBIAS
VDD(+V)
VSS(-V)
A
B
x4/x1
1
2
3
4
8
7
6
5
7083/84-100600-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7083/7084
UL
®
A3800


Similar Part No. - LS7084

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7084N LSI-LS7084N Datasheet
352Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7084N LSI-LS7084N Datasheet
466Kb / 4P
QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7084

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N Datasheet
352Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com