Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7183 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7183
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7183 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7183 Datasheet HTML 1Page - LSI Computer Systems LS7183 Datasheet HTML 2Page - LSI Computer Systems LS7183 Datasheet HTML 3Page - LSI Computer Systems LS7183 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUADRATURE CLOCK CONVERTER
FEATURES:
• x1, x2 and x4 resolution
• Programmable output pulse width (200ns to 140µs)
• Excellent regulation of output pulse width
• TTL and low voltage CMOS compatible I/Os
• +3V to +5.5V operation (VDD-VSS)
• LS7183, LS7184 (DIP)
LS7183-S, LS7184-S (SOIC) - See Figure 1
INPUT/OUTPUT DESCRIPTION:
RBIAS (Pin 1)
Input for external component connection. A resistor connected
between this input and VSS adjusts the output clock pulse
width (Tow).
VDD (Pin 2)
Supply Voltage positive terminal.
VSS (Pin 3)
Supply Voltage negative terminal.
A, B (Pin 4, Pin 5)
Quadrature Clock inputs A and B. Directional output pulses are
generated from the A and B clocks according to Fig. 2. A and B
inputs have built-in immunity for noise signals less than 50ns
duration (Validation delay, TVD). The A and B inputs are in-
hibited during the occurrence of a directional output clock
(UPCK or DNCK), so that spurious clocks resulting from en-
coder dither are rejected.
MODE (Pin 6)
MODE is a 3-state input to select resolution x1, x2 or x4. The
input quadrature clock rate is multiplied by factors of 1, 2 and 4
in x1, x2 and x4 mode respectively in producing the output
UP/DN clocks (See Fig. 2). x1, x2 and x4 modes selected by
the MODE input logic levels are as follows:
Mode = 0
: x1 selected
Mode = 1
: x2 selected
Mode = Float : x4 selected
LS7183 - DNCK (Pin 7)
In LS7183, this is the DOWN Clock Output. This output
consists of low-going pulses generated when A input
lags the B input.
LS7184LV - UP/DN (Pin 7)
In LS7184, this is the count direction indication output.
When A input leads the B input, the UP/DN output goes
high indicating that the count direction is UP. When A
input lags the B input, UP/DN output goes low,
indicating that the count direction is DOWN.
LS7183 - UPCK (Pin 8)
In LS7083LV, this is the UP Clock output. This output
consists of low-going pulses generated when A input
leads the B input.
LS7184 - CLK (Pin 8)
In LS7184, this is the combined UP Clock and DOWN
Clock output. The count direction at any instant is
indicated by the UP/DN output (Pin 7).
NOTE: For the LS7184, the timing of CLK and UP/DN
requires that the counter interfacing with LS7184 counts
on the rising edge of the CLK pulses.
DESCRIPTION:
The LS7183 and LS7184 are monolithic CMOS silicon gate
quadrature clock converters. Quadrature clocks derived from
optical or magnetic encoders, when applied to the A and B
inputs of the LS7183/LS7184, are converted to strings of Up
Clocks and Down Clocks (LS7183) or to a Clock and an Up/
Down direction control (LS7184). These outputs can be in-
terfaced directly with standard Up/Down counters for direc-
tion and position sensing of the encoder.
August 2001
RBIAS
VDD(+V)
VSS(-V)
A
B
MODE
DNCK
UPCK
PIN ASSIGNMENT - TOP VIEW
CLK
UP/DN
FIGURE 1
1
2
3
4
8
7
6
5
RBIAS
VDD(+V)
VSS(-V)
A
B
MODE
1
2
3
4
8
7
6
5
7183/84-071201-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7183/LS7184
UL
®
A3800


Similar Part No. - LS7183

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183_09 Datasheet
428Kb / 4P
QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7183

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083 Datasheet
39Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N Datasheet
352Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com