Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1183 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1183
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1183 Datasheet(HTML) 2 Page - Linear Technology

  LT1183_15 Datasheet HTML 1Page - Linear Technology LT1183_15 Datasheet HTML 2Page - Linear Technology LT1183_15 Datasheet HTML 3Page - Linear Technology LT1183_15 Datasheet HTML 4Page - Linear Technology LT1183_15 Datasheet HTML 5Page - Linear Technology LT1183_15 Datasheet HTML 6Page - Linear Technology LT1183_15 Datasheet HTML 7Page - Linear Technology LT1183_15 Datasheet HTML 8Page - Linear Technology LT1183_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1182/LT1183/LT1184/LT1184F
DESCRIPTION
current. An active low shutdown pin typically reduces total
supply current to 35
µA for standby operation. A 200kHz
switching frequency minimizes the size of required mag-
netic components. The use of current mode switching
techniques with cycle-by-cycle limiting gives high reliabil-
ity and simple loop frequency compensation. The LT1182/
LT1183/LT1184/LT1184F are all available in 16-pin nar-
row SO packages.
LT1184/LT1184F pin out the reference for simplified pro-
gramming of lamp current.
The LT1182/LT1183/LT1184/LT1184F operate with input
supply voltages from 3V to 30V. The ICs also have a
battery supply voltage pin that operates from 4.5V to 30V.
The LT1182/LT1183 draw 9mA typical quiescent current
while the LT1184/LT1184F draw 6mA typical quiescent
VIN, BAT, Royer, Bulb .............................................. 30V
CCFL VSW, LCD VSW ............................................... 60V
Shutdown ................................................................. 6V
ICCFL Input Current .............................................. 10mA
DIO Input Current (Peak, < 100ms) .................... 100mA
LT1182: FBP, FBN, LT1183: FB Pin Current .........
±2mA
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
TJMAX = 100°C, θJA = 100°C/W
TJMAX = 100°C, θJA = 100°C/W
Consult factory for Industrial and Military grade parts
LT1183CS
ORDER PART
NUMBER
TJMAX = 100°C, θJA = 100°C/W
TJMAX = 100°C, θJA = 100°C/W
LT1182CS
ORDER PART
NUMBER
LT1184CS
ORDER PART
NUMBER
LT1184FCS
LT1183/LT1184/1184F: REF Pin Source Current .... 1mA
Junction Temperature (Note 1) ............................ 100
°C
Operating Ambient Temperature Range ..... 0
°C to 100°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
ORDER PART
NUMBER
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
CCFL PGND
ICCFL
DIO
CCFL VC
AGND
SHUTDOWN
LCD VC
LCD PGND
CCFL VSW
BULB
BAT
ROYER
VIN
FBP
FBN
LCD VSW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
CCFL PGND
ICCFL
DIO
CCFL VC
AGND
SHUTDOWN
NC
NC
CCFL VSW
BULB
BAT
NC
VIN
REF
NC
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
CCFL PGND
ICCFL
DIO
CCFL VC
AGND
SHUTDOWN
LCD VC
LCD PGND
CCFL VSW
BULB
BAT
ROYER
VIN
REF
FB
LCD VSW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
CCFL PGND
ICCFL
DIO
CCFL VC
AGND
SHUTDOWN
NC
NC
CCFL VSW
BULB
BAT
ROYER
VIN
REF
NC
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com