Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1375 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1375
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1375 Datasheet(HTML) 2 Page - Linear Technology

  LT1375_15 Datasheet HTML 1Page - Linear Technology LT1375_15 Datasheet HTML 2Page - Linear Technology LT1375_15 Datasheet HTML 3Page - Linear Technology LT1375_15 Datasheet HTML 4Page - Linear Technology LT1375_15 Datasheet HTML 5Page - Linear Technology LT1375_15 Datasheet HTML 6Page - Linear Technology LT1375_15 Datasheet HTML 7Page - Linear Technology LT1375_15 Datasheet HTML 8Page - Linear Technology LT1375_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT1375/LT1376
13756fd
ABSOLUTE MAXIMUM RATINGS
Input Voltage
LT1375/LT1376 .................................................. 25V
LT1375HV/LT1376HV ........................................ 30V
BOOST Pin Voltage
LT1375/LT1376 .................................................. 35V
LT1375HV/LT1376HV ........................................ 40V
SHDN Pin Voltage ..................................................... 7V
BIAS Pin Voltage ...................................................... 7V
FB Pin Voltage (Adjustable Part) ............................ 3.5V
FB Pin Current (Adjustable Part) ............................ 1mA
Sense Voltage (Fixed 5V Part) .................................. 7V
SYNC Pin Voltage ..................................................... 7V
Operating Junction Temperature Range
LT1375C/LT1376C ............................... 0
°C to 125° C
LT1375I/LT1376I ............................. – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
PACKAGE/ORDER INFORMATION
TOP VIEW
S PACKAGE
16-LEAD PLASTIC NARROW SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
NC
BOOST
VIN
VSW
BIAS
NC
GND
GND
NC
VC
FB/SENSE
GND
SHDN
NC
GND
ORDER PART NUMBER
θJA =50°C/ W WITH FUSED CORNER PINS
CONNECTED TO GROUND PLANE OR LARGE
LANDS
1
2
3
4
8
7
6
5
TOP VIEW
BOOST
VIN
VSW
BIAS
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
VC
FB/SENSE
GND
SHDN
θJA = 100°C/ W (N8)
θJA = 120°C/ W TO 150°C/W DEPENDING ON
PC BOARD LAYOUT (S8)
1
2
3
4
8
7
6
5
TOP VIEW
VC
FB/SENSE
GND
SYNC
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
BOOST
VIN
VSW
SHDN
θJA = 100°C/ W (N8)
θJA = 120°C/ W TO 150°C/W DEPENDING ON
PC BOARD LAYOUT (S8)
LT1375CN8
LT1375CN8-5
LT1375IN8
LT1375IN8-5
LT1375CS8
LT1375CS8-5
LT1375HVCS8
LT1375IS8
LT1375IS8-5
LT1375HVIS8
ORDER PART
NUMBER
LT1376CN8
LT1376CN8-5
LT1376IN8
LT1376IN8-5
LT1376CS8
LT1376CS8-5
LT1376HVCS8
LT1376IS8
LT1376IS8-5
LT1376HVIS8
S8 PART
MARKING
1375
13755
1375HV
1375I
1375I5
375HVI
1376
13765
1376HV
1376I
1376I5
376HVI
LT1376CS
LT1376IS
LT1376HVCS
LT1376HVIS
ORDER PART
NUMBER
S8 PART
MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com