Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7212 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7212
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7212 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7212 Datasheet HTML 1Page - LSI Computer Systems LS7212 Datasheet HTML 2Page - LSI Computer Systems LS7212 Datasheet HTML 3Page - LSI Computer Systems LS7212 Datasheet HTML 4Page - LSI Computer Systems LS7212 Datasheet HTML 5Page - LSI Computer Systems LS7212 Datasheet HTML 6Page - LSI Computer Systems LS7212 Datasheet HTML 7Page - LSI Computer Systems LS7212 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7211-070397-3
ABSOLUTE MAXIMUM RATINGS: (All voltages referenced to VSS)
SYMBOL
VALUE
UNIT
DC Supply Voltage
VDD
+19
V
Voltage (Any Pin)
VIN
VSS-.3 to VDD+.3
V
Operating Temperature
TA
-20 to +85
°C
Storage Temperature
TSTG
-65 to +150
°C
Characteristic
SYMBOL
VDD
Unit
Condition
Min
Max
Min
Max
Min
Max
Supply Voltage
VDD
-
4.0
18.0
4.0
18.0
4.0
18.0
V
-
4.0
32
-
27
-
20
-
µA
Supply Current
IDD
10.0
190
-
160
-
110
-
µA
with the clock off
18.0
560
-
437
-
330
-
µA
Input Voltages:
4.0
-
1.0
-
1.0
-
1.0
V
Trigger Low
VTL
10.0
-
3.0
-
3.0
-
3.0
V
-
18.0
-
5.8
-
5.8
-
5.8
V
4.0
3.0
-
3.0
-
3.0
-
V
Trigger High
VTH
10.0
6.6
-
6.6
-
6.6
-
V
-
18.0
11.0
-
11.0
-
11.0
-
V
4.0
1.5
-
1.5
-
1.5
-
V
Trigger Hysteresis
10.0
3.0
-
3.0
-
3.0
-
V
-
18.0
4.8
-
4.8
-
4.8
-
V
4.0
-
1.2
-
1.2
-
1.2
V
All other inputs, Low
VIL
10.0
-
4.1
-
4.1
-
4.1
V
-
18.0
-
7.2
-
7.2
-
7.2
V
4.0
2.1
-
2.1
-
2.1
-
V
All other inputs, High
VIH
10.0
5.3
-
5.3
-
5.3
-
V
-
18.0
9.3
-
9.3
-
9.3
-
V
Input Currents:
4.0
-
2.6
-
2.0
-
1.5
µA
PSCLS Low
IPL
10.0
-
22.0
-
17.0
-
13.0
µA
Input at VSS
18.0
-
70.0
-
54.0
-
41.0
µA
4.0
-
5.8
-
4.4
-
3.4
µA
PSCLS High
IPH
10.0
-
26.0
-
20.0
-
15.2
µA
Input at VDD
18.0
-
82.0
-
63.0
-
48.0
µA
4.0
-
2.0
-
1.6
-
1.3
µA
A, B Low
IML
10.0
-
37.0
-
28.0
-
22.0
µA
Input at VSS
18.0
-
132.0
-
101.0
-
77.0
µA
A, B High
IMH
-
-
100
-
100
-
200
nA
Input at VDD
All other inputs, Low
IIL
-
-
100
-
100
-
200
nA
Input at VSS
4.0
-
4.6
-
3.5
-
2.7
µA
All other inputs, High
IIH
10.0
-
33.0
-
25.0
-
19.0
µA
Input at VDD
18.0
-
121.0
-
93.0
-
71.0
µA
Output Current:
4.0
23.0
-
18.0
-
13.0
-
mA
OUT Sink
IOSNK
10.0
43.0
-
33.0
-
25.0
-
mA
Vo = +0.5V
18.0
56.0
-
43.0
-
32.0
-
mA
4.0
2.6
-
2.0
-
1.5
-
mA
OUT Source
IOSRC
10.0
7.8
-
6.0
-
4.5
-
mA
Vo = VDD-.5V
18.0
11.5
-
8.8
-
6.5
-
mA
-20°C
+25°C
+85°C
ELECTRICAL CHARACTERISTICS (Voltages referenced to Vss)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com