Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1939 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1939
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1939 Datasheet(HTML) 2 Page - Linear Technology

  LT1939_15 Datasheet HTML 1Page - Linear Technology LT1939_15 Datasheet HTML 2Page - Linear Technology LT1939_15 Datasheet HTML 3Page - Linear Technology LT1939_15 Datasheet HTML 4Page - Linear Technology LT1939_15 Datasheet HTML 5Page - Linear Technology LT1939_15 Datasheet HTML 6Page - Linear Technology LT1939_15 Datasheet HTML 7Page - Linear Technology LT1939_15 Datasheet HTML 8Page - Linear Technology LT1939_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1939
2
1939f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVIN = 15V, VRT/SYNC = 2V, unless otherwise specified.
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, PG, PG Operating.................................... 25V/–0.3V
SW .............................................................................VIN
BST ................................................................ 45V/–0.3V
BST Pin Above SW....................................................25V
LDRV, SHDN..............................................................15V
FB, LFB, RT/SYNC .......................................................5V
SS, VC ......................................................................2.5V
Operating Junction Temperature Range (Notes 2, 6)
LT1939EDD ........................................ –40°C to 125°C
LT1939IDD......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
TOP VIEW
DD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC DFN
12
13
11
8
9
10
4
5
3
2
1
SW
BST
LDRV
LFB
FB
PG
VIN
SHDN
SS
PG
VC
RT/SYNC 6
7
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1939EDD#PBF
LT1939IDD#PBF
LT1939EDD#TRPBF
LT1939IDD#TRPBF
LDJZ
LDJZ
12-Lead (3mm × 3mm) Plastic DFN
12-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Threshold
l
710
760
780
mV
SHDN Source Current
1.5
2.5
3.5
μA
SHDN Current Hysterisis
1.25
2
3.25
μA
Minimum Input Voltage (Note 3)
VFB = 0V
l
2.4
2.8
V
Supply Shutdown Current
VSHDN = 0V
l
12
30
μA
Supply Quiescent Current
VFB = 0.9V
2.5
3.5
mA
FB Voltage
VVC = 1V
VVC = 0.6V to 1.6V, VIN = 3V to 25V
l
l
0.784
0.776
0.8
0.8
0.816
0.824
V
V
FB Bias Current
VFB = 0.8V, VVC = 1V
50
150
nA
Error Amplifier gm
VVC = 1V, IVC = ±10μA
150
250
350
μmho
Error Amplifier Source Current
VFB = 0.6V, VVC = 1V
12
16
20
μA
Error Amplifier Sink Current
VFB = 1V, VVC = 1V
14
18
22
μA
Error Amplifier High Clamp
VFB = 0.6V
1.8
2.0
2.2
V
Error Amplifier Switching Threshold
VFB = 0.6V
0.6
0.8
1.0
V
SS Source Current
VSHDN = 1V, VSS = 0.4V, VFB = 0.9V
2.25
2.75
3.75
μA
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com