Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3090 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3090
Description  600mA Negative Linear Regulator with Programmable Current Limit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3090 Datasheet(HTML) 2 Page - Linear Technology

  LT3090_15 Datasheet HTML 1Page - Linear Technology LT3090_15 Datasheet HTML 2Page - Linear Technology LT3090_15 Datasheet HTML 3Page - Linear Technology LT3090_15 Datasheet HTML 4Page - Linear Technology LT3090_15 Datasheet HTML 5Page - Linear Technology LT3090_15 Datasheet HTML 6Page - Linear Technology LT3090_15 Datasheet HTML 7Page - Linear Technology LT3090_15 Datasheet HTML 8Page - Linear Technology LT3090_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT3090
2
3090fa
For more information www.linear.com/LT3090
pin conFiguraTion
absoluTe MaxiMuM raTings
IN Pin Voltage (Note 3)
with Respect to GND Pin ...........................0.3V, –40V
ILIM Pin Voltage
with Respect to IN Pin (Note 3) ................–0.3V, 0.7V
IMONP Pin Voltage
with Respect to IN Pin (Note 3) .................–0.3V, 40V
with Respect to GND Pin ............................–40V, 20V
with Respect to IMONN Pin ........................–40V, 20V
IMONN Pin Voltage
with Respect to IN Pin (Note 3) .................–0.3V, 40V
with Respect to GND Pin ............................–40V, 20V
SHDN Pin Voltage
with Respect to IN Pin (Note 3) .................–0.3V, 55V
with Respect to GND Pin ............................–40V, 20V
(Note 1)
TOP VIEW
11
IN
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OUT
OUT
GND
SET
SHDN
IN
IN
ILIM
IMONP
IMONN
TJMAX = 150°C, θJA = 34°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 11) IS IN, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
IN
IN
IN
ILIM
IMONP
IMONN
12
11
10
9
8
7
OUT
OUT
OUT
GND
SET
SHDN
TOP VIEW
13
IN
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 33°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 13) IS IN, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3090EDD#PBF
LT3090EDD#TRPBF
LGHJ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3090IDD#PBF
LT3090IDD#TRPBF
LGHJ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3090HDD#PBF
LT3090HDD#TRPBF
LGHJ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3090MPDD#PBF
LT3090MPDD#TRPBF
LGHJ
10-Lead (3mm x 3mm) Plastic DFN
–55°C to 150°C
LT3090EMSE#PBF
LT3090EMSE#TRPBF
3090
12-Lead Plastic MSOP
–40°C to 125°C
LT3090IMSE#PBF
LT3090IMSE#TRPBF
3090
12-Lead Plastic MSOP
–40°C to 125°C
LT3090HMSE#PBF
LT3090HMSE#TRPBF
3090
12-Lead Plastic MSOP
–40°C to 150°C
LT3090MPMSE#PBF
LT3090MPMSE#TRPBF
3090
12-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SET Pin Voltage
with Respect to IN Pin (Note 3) .................–0.3V, 36V
with Respect to GND Pin ....................................±36V
SET Pin Current (Note 9)........................................±5mA
OUT Pin Voltage
with Respect to IN Pin (Note 3) .................–0.3V, 36V
with Respect to GND Pin ....................................±36V
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range (Note 2)
E-, I-Grade ........................................ –40°C to 125°C
MP-Grade ......................................... –55°C to 150°C
H-Grade ............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 Sec)
MSE Package ...................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com