Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3430 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 2 Page - Linear Technology

  LT3430_15 Datasheet HTML 1Page - Linear Technology LT3430_15 Datasheet HTML 2Page - Linear Technology LT3430_15 Datasheet HTML 3Page - Linear Technology LT3430_15 Datasheet HTML 4Page - Linear Technology LT3430_15 Datasheet HTML 5Page - Linear Technology LT3430_15 Datasheet HTML 6Page - Linear Technology LT3430_15 Datasheet HTML 7Page - Linear Technology LT3430_15 Datasheet HTML 8Page - Linear Technology LT3430_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3430/LT3430-1
2
34301fa
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) .................................................. 60V
BOOST Pin Above SW (Note 11).............................. 35V
BOOST Pin Voltage ................................................. 68V
SYNC Voltage............................................................. 7V
⎯S⎯H⎯D⎯N Voltage ............................................................ 6V
BIAS Pin Voltage ..................................................... 30V
FB Pin Voltage/Current .................................. 3.5V/2mA
Operating Junction Temperature Range
LT3430EFE (Notes 8, 10) .................. –40°C to 125°C
LT3430IFE (Notes 8, 10) .................. –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (VREF)VOL + 0.2 ≤ VC ≤ VOH – 0.2
5.5V ≤ VIN ≤ 60V
●
1.204
1.195
1.219
1.234
1.243
V
FB Input Bias Current
●
–0.2
–1.5
µA
Error Amp Voltage Gain
(Note 2)
200
400
V/V
Error Amp gm
dl (VC) = ±10µA
●
1650
1000
2200
3300
4200
µMho
µMho
VC to Switch gm
3.4
A/V
EA Source Current
FB = 1V
●
125
225
450
µA
EA Sink Current
FB = 1.4V
●
100
225
500
µA
VC Switching Threshold
Duty Cycle = 0
0.9
V
VC High Clamp
⎯S⎯H⎯D⎯N = 1V
2.1
V
Switch Current Limit
VC Open, Boost = VIN + 5V, FB = 1V
–40°C ≤ TJ ≤ 25°C
TJ = 125°C (Note 9)
3
2.5
5
4
6.5
5.5
A
A
Switch On Resistance
ISW = 2.5A, Boost = VIN + 5V (Note 7)
0.1
0.14
0.18
Ω
Ω
Maximum Switch Duty Cycle (LT3430)
FB = 1V
●
93
90
96
%
%
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
VIN
VIN
SW
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB
VC
BIAS
GND
17
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
FE PART MARKING
LT3430EFE
LT3430IFE
LT3430EFE-1
LT3430IFE-1
3430EFE
3430IFE
3430EFE-1
3430IFE-1
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 15V, VC = 1.5V, ⎯S⎯H⎯D⎯N = 1V, BOOST = Open Circuit,
SW = Open Circuit, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com