Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7232NT Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7232NT
Description  PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232NT Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7232NT Datasheet HTML 1Page - LSI Computer Systems LS7232NT Datasheet HTML 2Page - LSI Computer Systems LS7232NT Datasheet HTML 3Page - LSI Computer Systems LS7232NT Datasheet HTML 4Page - LSI Computer Systems LS7232NT Datasheet HTML 5Page - LSI Computer Systems LS7232NT Datasheet HTML 6Page - LSI Computer Systems LS7232NT Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SENS (Pin 6)
A positive signal applied at the SENS input controls the turn-on,
turn-off and dimming function of the LS7232NT. The SENS in-
put is designed to operate with very low levels of signal, so that
it can be directly interfaced with the photoamplifier output. Sig-
nal at the SENS input is amplified with a gain of 30. If a photo-
sensor is not to be used, the SENS input can easily be adapted
to a touch plate.
Signals at the SENS input are classified as SHORT touch and
LONG touch. Signals between 50ms and 350ms constitute a
SHORT touch, whereas signals longer than 350ms constitute a
LONG touch. The functions of these two types of touches are
explained in the mode description section.
SENS input has an internal pull-down resistor of 10k
Ω.
REMOTE (Pin 7)
For performing dimming operation from remote sites or through
wire extensions, the REMOTE input is used. This input is sam-
pled twice during both negative and positive half cycles of the
AC, rendering it more immune to noise and hence more suited
for carrying signals over extension wires.
Vss (Pin 8)
Supply voltage, negative terminal
.
TRIG/ (Pin 9)
Trigger ouput for driving the gate of a triac. A negative pulse of
nominally 130.2µs duration is generated at this output which
can be varied between 19.7° and 119.5° from the zero-
crossover of the AC during every half cycle. The control of con-
duction angle of the TRIG/ output is effected by Short and Long
touches at the SENSE and REMOTE inputs.
LEDO (Pin 10)
A positive pulse of 32µs is generated at this output during every
negative half-cycle of the AC. If the TRIG/ output is Off, the
LEDO is generated nominally 911µs after the AC zero-
crossover in the negative half-cycles. If the TRIG/ output is on,
the LEDO tracks the TRIG/ output signal and is generated
170µs ahead of the TRIG/ output, during every negative half-
cycle of the AC.
The LEDO is used to drive an infra-red LED. When a reflecting
object, such as a human hand, is brought close to the infrared
LED, the light is reflected back to the Photo-diode, which is
mounted in physical proximity to the infra-red LED. The change
of intensity of the received light by the photo-diode results in a
change of the photo-diode current which in turn is amplified by
the transconductance amplifier as described in the ANODE
input section.
RC (Pin 11)
A resistor-capacitor pair connected externally to the RC input
constitutes the timing element for the delay generation in Modes
4, 5, 6, and 7. The delay is given by the expression,
∆ = 63RC.
M1 and M2 (Pin 12 and Pin 13)
Each of these inputs are 3-state inputs, namely Low (L), High
(H) and Float (F). The logic levels of these two inputs together,
configures the operating modes of the LS7232NT according to
Table 1.
MODE DESCRIPTIONS:
See Figures 2, 3, and 4 for further explanations.
MODE 1 - Touch causes the TRIG/ output to toggle between
Off and Max. The Off to Max transition slews in 350ms(tr). Long
and Short Touch operate in identical manner. Leading edge
touch sense (change occurs upon initiation of touch)
7232NT-082101-2
TABLE 1. OPERATING MODES
M1
M2
MODE
DESCRIPTION
L
L
1
ON - OFF
L
F
2
ON - OFF - DIMMER
L
H
3
ON - OFF - MEMORY - DIMMER
F
F
4
ON - DELAYED_OFF - DIMMER
F
H
5
ON - DELAYED_OFF - MEMORY-DIMMER
F
L
6
ON - DELAYED_OFF
H
L
7
ON - AUTO_OFF_TIMER
H
F
X
NOT ALLOWED
H
H
X
NOT ALLOWED
MODE 2 - Same effect for Short Touch as in Mode 1. Long Touch
causes the output to sweep between conduction angles of 38° (Min)
and 155° (Max) in increments of 1.4°. The sweep direction auto-
matically reverses at Min and Max. Sweep direction also reverses for
every Long Touch. Trailing edge sensing for Short Touch. (Change
occurs upon removal of touch.)
MODE 3 - Same as Mode 2 except for Short Touch the output
toggles between Off and Memory. Memory is updated with the long
touch.
MODE 4 - Same as Mode 2 except the On to Off operation with
Short Touch is delayed. At the termination of the Short Touch the out-
put level instantaneously drops by an amount of
Ư to indicate the
beginning of the turn-off delay, tRC. At the end of the delay, the output
slews off at a rate of 56°/s. The delay tRC is controlled by a resistor-
capacitor pair at the RC (Pin 11) input, according to the
following
expression:
tRC = 63RC
The magnitude of
Ư is dependent on the pre-touch intensity from
where the turn-off delay is initiated and can have one of the values in
Table 2 (See Fig. 2 and 3).
MODE 5 - Same as Mode 4, except a Short Touch in the Off state
switches the output to memory.
MODE 6 - Same as Mode 4, except that there is no dimming func-
tion in Mode 6. Both Short and Long touches operate as Short Touch
(leading edge touch sense).
MODE 7 - Output switches from Off to Max with either Short or Long
Touch (leading edge touch sense). After a delay of tRC = 63 RC (See
description of Mode 4) the output drops by an angle
Ư according to
Table 2. After another fixed delay of 10sec (tf) the output slews off in
2sec (td7) at the rate of 56°/sec. A touch during tRC time out has no
effect. A touch during tf and td7 timeouts aborts the timeout and
restores output to Max.
TABLE 2. BRIGHTNESS DROP AT DELAY START,
Ư
PRE-TOUCH CONDUCTION ANGLE
Ø
155° to 130°
-35°
129° to 115°
-25°
114° to 95°
-20°
94° to 45°
-10°
44° to 38°
Instantaneous Off



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com