Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3692 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3692
Description  Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3692 Datasheet(HTML) 2 Page - Linear Technology

  LT3692_15 Datasheet HTML 1Page - Linear Technology LT3692_15 Datasheet HTML 2Page - Linear Technology LT3692_15 Datasheet HTML 3Page - Linear Technology LT3692_15 Datasheet HTML 4Page - Linear Technology LT3692_15 Datasheet HTML 5Page - Linear Technology LT3692_15 Datasheet HTML 6Page - Linear Technology LT3692_15 Datasheet HTML 7Page - Linear Technology LT3692_15 Datasheet HTML 8Page - Linear Technology LT3692_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT3692
2
3692fa
For more information www.linear.com/3692
absoluTe MaxiMuM raTings
VIN1/2, SHDN1/2, CMPO1/2............................ 40V/–0.3V
VIN1/2 Transient (Note 2)................................ 60V/–0.3V
SW1/2....................................................................VIN1/2
BST1/2........................................................... 60V/–0.3V
BST1/2 Pin Above SW1/2..........................................25V
IND1/2, VOUT1/2.........................................40V/–0.3V, 7A
FB1/2, CMPI1/2, SS1/2................................................5V
RT/SYNC.....................................................................5V
DIV, ILIM1/2.............................................................2.5V
VC1/2, TJ ..............................................................±100µA
Operating Junction Temperature Range (Note 3)
LT3692EUH........................................ –40°C to 125°C
LT3692IUH......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
pin conFiguraTion
elecTrical characTerisTics The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VVIN1/2 = 15V unless otherwise specified. (Note 3)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3692EUH#PBF
LT3692EUH#TRPBF
3692
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3692IUH#PBF
LT3692IUH#TRPBF
3692
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
32 31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
33
GND
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
BST1
CMPO1
CMPI1
FB1
FB2
CMPI2
CMPO2
BST2
ILIM1
VC1
RT/SYNC
CLKOUT
TJ
DIV
VC2
ILIM2
θJA = 35°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
*DO NOT CONNECT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Voltage Threshold Ch 1/2 (Note 4)
l
1.24
1.32
1.4
V
SHDN Input Current Ch 1/2
VSHDN = 1.3V
1.5
5
µA
VIN1 Undervoltage Lockout (Note 5)
VFB1/2 = 0V, VVOUT1/2 = 0V, VIND1/2 = 0V
2.5
2.8
3.1
V
VIN Overvoltage Lockout Ch 1/2 (Note 6)
36
38
41
V
VIN1 Shutdown Current
VSHDN = 0V
l
6
10
µA
VIN2 Shutdown Current
VSHDN = 0V
l
0
2
µA
VIN1 Quiescent Current
VFB1/2 = 0.9V
3
4
5
mA
VIN2 Quiescent Current
VFB1/2 = 0.9V
400
630
1000
µA
Feedback Voltage Ch 1/2
VVC1/2 = 1V
l
790
806
822
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com