Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7313 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7313
Description  AC POWER CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7313 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7313 Datasheet HTML 1Page - LSI Computer Systems LS7313 Datasheet HTML 2Page - LSI Computer Systems LS7313 Datasheet HTML 3Page - LSI Computer Systems LS7313 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Input Pull-up Resistance:
For LS7310, LS7311
PL, OFF, RUN, PULSE
RIN
50
100
200
k
Ω
-
Output Voltage:
TRIG, HI
VOH
Vss
-
-
V
-
TRIG, LO
VOL
-
Vss - 8
-
V
-
Output Current:
TRIG, Sink
IOS
25
-
-
mA
Vss = +12V
VOL = Vss - 4V
PL Source
IOPL
5
-
-
mA
VOPL = Vss - 1V
DYNAMIC CHARACTERISTICS:
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
SYNC frequency
fS
40
-
70
Hz
-
PL,RUN,PULSE,OFF hold time
TH
50
-
infinite
ms
60Hz SYNC
TH
60
-
infinite
ms
50Hz SYNC
TRIG Pulse Width
Tw
-
33
-
µs
60Hz SYNC
(LS7310,LS7312)
Tw
-
39
-
µs
50Hz SYNC
TRIG Pulse Width
Tw
-
1.0
-
ms
60Hz SYNC
(LS7311,LS7313)
Tw
-
1.2
-
ms
50Hz SYNC
MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Storage Temperature
TSTG
-65 to +150
°C
Operating Temperature
TA
0 to +80
°C
DC Supply Voltage
Vss - VDD
+20
V
Any Input Voltage
VIN
Vss - 20 to Vss + 0.5
V
DC ELECTRICAL CHARACTERISTICS:
(TA = 25˚C, all voltages referenced to VDD)
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Supply Voltage
VSS
+10
+12
+14
V
-
Supply Current
IDD
-
1.2
2
mA
Vss = 12V, outputs off
Input Voltage:
SYNC, LO
VISL
0
-
1/3Vss
V
-
SYNC, HI
VISH
2/3Vss
-
Vss
V
-
All other inputs, LO
VIL
0
-
1/4Vss
V
-
All other inputs, HI
VIH
1/2Vss
-
Vss
V
-
Input Current:
SYNC Input
IH
-
-
110
µA
With Series 1.5M
Ω
Resistor to 115VAC
7310-011697-4
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com