Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7339 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7339
Description  AUTO SHUT-OFF AC POWER SWITCH WITH PROGRAMMABLE TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7339 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7339 Datasheet HTML 1Page - LSI Computer Systems LS7339 Datasheet HTML 2Page - LSI Computer Systems LS7339 Datasheet HTML 3Page - LSI Computer Systems LS7339 Datasheet HTML 4Page - LSI Computer Systems LS7339 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FIGURE 6. PRODUCING VERY LONG TIME-OUTS BY PULSE MODULATING THE OSCILLATOR
Oscillator
Components
R2
R1
CD4093
C1 = 0.1µF
-V
R3
C2
-
+
4
3
TRIG
V DD
V SS
OSC
5
6
2
1
8
7
OFF
ON
CAP
SYNC
T1
T2
Waveform A
LS7339
T1
≈ R1 C1
T2
≈ (R1 + R2)C1
DESCRIPTION:
EXAMPLE:
D1
T1
Period = T1 + T2
Pulse Duty Cycle = T1/Period
-V
Waveform B (Pulse Modulator)
Inverse of Pulse Duty Cycle = Period/T1 = 1 +T2/T1 = 2 + R2/R1
Waveform A
Waveform B
+V
D2
The Oscillator resistor is normally returned to the negative terminal of the DC Supply. If this resistor is returned to
a negative-going pulse instead, the Oscillator R-C becomes effectively multiplied by the inverse of the Pulse Duty
Cycle, because the Oscillator R-C can charge only while the pulse is present. (Pulse Modulation)
In Figure 6, the Oscillator R is R3, the Oscillator C is C2 and the Pulse Modulator is Waveform B through
isolation diode D2. The Multiplier, M = 2 + R2/R1 (the inverse of the Pulse Duty Cycle).
R3 = 5.1M
Ω , C2 = 1.0µF, Pulse Modulator = Waveform B and desired TD1 = 8 hours = 28,800 sec.
Since TD1 = 255 x M x R3 x C2, M calculates to be 22 for the selected Oscillator Components.
With M = 22, R2/R1 = 20. If R2 = 3M
Ω , R1 = 150kΩ .
7339-060201-5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com