Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7340 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7340
Description  AUTO SHUT-OFF AC POWER SWITCH WITH PROGRAMMABLE TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7340 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7340 Datasheet HTML 1Page - LSI Computer Systems LS7340 Datasheet HTML 2Page - LSI Computer Systems LS7340 Datasheet HTML 3Page - LSI Computer Systems LS7340 Datasheet HTML 4Page - LSI Computer Systems LS7340 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P
AC
MAINS
N
LOAD
C1
T1
L1
R1
A
B
R4
C3
D1
5
6
7
8
4
3
2
1
C5
C4
TRIG V DD OFF
ON
V SS
OSC
CAP SYNC
+
LS7339
FIGURE 5. A TYPICAL AUTO SHUT-OFF AC POWER SWITCH
G
MT2
MT1
Z1
-
R5
C7
R8
C6
SEE
NOTE 1
SEE
NOTE 2
R7
R6
R2
R3
C2
ON
OFF
S1
-
+
115VAC
220VAC
115VAC
220VAC
(1)(3) R1 150
Ω, 1W
360
Ω, 2W
(1)(2)C3
100µF
100µF
(2)(4) R1 82
Ω
82
Ω
(3)(4)C3
47µF
47µF
R2 1.5M
Ω
1.5M
Ω
C4
470pF
470pF
R3 100k
Ω
100k
Ω
C5
0.047µF
0.047µF
R4 100k
Ω
100k
Ω
C6
(6)
(6)
R5 100
Ω
100
Ω
C7
0.1µF, 200V 0.1µF, 400V
R6 (5)(6)
(5)(6)
Z1
15V, 1/2W
15V, 1/2W
R7 (5)(6)
(5)(6)
D1
1N4148
1N4148
R8 1.8k
Ω, 1W
1.8k
Ω, 2W
L1
100µH
200µH
C1 0.15µF, 200V 0.15µF, 400V
(7)T1
Q4008L4
Q5004L4
(1) C2 1.0µF, 200V
0.47µF, 400V
(2) C2 0.47µF, 200V
0.22µF, 400V
(3) C2 0.33µF, 200V
0.22µF, 400V
(4) C2 0.22µF, 200V
0.1µF, 400V
(1) LS7339, Connection A
(2) LS7339, Connection B
(3) LS7340, Connection A
(4) LS7340, Connection B
(5) 100k
Ω ≤ (R6 + R7) ≤10MΩ
(6) (R6 + R7)C6
≥ 5ms
(7) Typical
All Resistors 1/4W, all Capacitors 25V unless otherwise specified
NOTES:
1. Use Connection A when Neutral is not available. Use Connection B when Neutral is available.
2. Snubber Network C7, R8 may be required for some inductive loads.
3. See Table 2 for Component Functional Description.
7339-060201-4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com