Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3958 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3958
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3958 Datasheet(HTML) 2 Page - Linear Technology

  LT3958_15 Datasheet HTML 1Page - Linear Technology LT3958_15 Datasheet HTML 2Page - Linear Technology LT3958_15 Datasheet HTML 3Page - Linear Technology LT3958_15 Datasheet HTML 4Page - Linear Technology LT3958_15 Datasheet HTML 5Page - Linear Technology LT3958_15 Datasheet HTML 6Page - Linear Technology LT3958_15 Datasheet HTML 7Page - Linear Technology LT3958_15 Datasheet HTML 8Page - Linear Technology LT3958_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3958
2
3958f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO (Note 5)..............................................80V
SW ............................................................................84V
INTVCC .................................................... VIN + 0.3V, 15V
SYNC ..........................................................................8V
VC, SS.........................................................................3V
RT ...............................................................................................1.5V
SENSE1, SGND .................. Internally Connected to GND
SENSE2..................................................................±0.3V
FBX ................................................................. –6V to 6V
Operating Temperature Range
(Note 2) ............................................. –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
12 13 14
TOP VIEW
37
SGND
38
SW
UHE PACKAGE
36-LEAD (5mm
6mm) PLASTIC QFN
15 16 17
36 35 34 33 32 31 30
21
23
24
25
27
28
8
6
4
3
2
1
NC
NC
SENSE2
SGND
SENSE1
SW
SW
NC
INTVCC
VIN
EN/UVLO
SGND
SGND
SW
SW
20
9
10
TJMAX = 125°C, θJA = 43°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 37) IS SGND, MUST BE SOLDERED TO SGND PLANE
EXPOSED PAD (PIN 38) IS SW, MUST BE SOLDERED TO SW PLANE
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3958EUHE#PBF
LT3958EUHE#TRPBF
3958
36-Lead (5mm
× 6mm) Plastic QFN
–40°C to 125°C
LT3958IUHE#PBF
LT3958IUHE#TRPBF
3958
36-Lead (5mm
× 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com