Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3971A Datasheet(PDF) 21 Page - Linear Technology

Part # LT3971A
Description  38V, 1.3A, 2MHz Step-Down Regulator with 2.2A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971A Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3971A_15 Datasheet HTML 16Page - Linear Technology LT3971A_15 Datasheet HTML 17Page - Linear Technology LT3971A_15 Datasheet HTML 18Page - Linear Technology LT3971A_15 Datasheet HTML 19Page - Linear Technology LT3971A_15 Datasheet HTML 20Page - Linear Technology LT3971A_15 Datasheet HTML 21Page - Linear Technology LT3971A_15 Datasheet HTML 22Page - Linear Technology LT3971A_15 Datasheet HTML 23Page - Linear Technology LT3971A_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3971A/LT3971A-5
21
3971af
TYPICAL APPLICATIONS
SW
FB
SS
RT
VIN
VIN
7V TO 38V
VOUT
5V
1.3A
4.7μF
0.47μF
22μF
10pF
309k
49.9k
f = 800kHz
4.7μH
1M
GND
BD
SYNC
OFF ON
LT3971A
3971A TA02
EN
BOOST
PG
SW
FB
SS
RT
VIN
VIN
4.5V TO 38V
VOUT
3.3V
1.3A
4.7μF
0.47μF
22μF
1M
49.9k
f = 800kHz
4.7μH
1.78M
GND
BD
SYNC
OFF ON
10pF
LT3971A
3971A TA11
EN
BOOST
PG
INPUT VOLTAGE (V)
0
1.0
10
20
30
40
3971A TA11b
2.0
1.5
4.0
3.5
3.0
2.5
10pF
SW
FB
SS
RT
VIN
VIN
4.3V TO 38V
VOUT
2.5V
1.3A
4.7μF
1μF
47μF
909k
118k
f = 400kHz
4.7μH
1M
GND
SYNC
OFF ON
LT3971A
3971A TA04
EN
BOOST
PG
BD
5V Step-Down Converter
3.3V Step Down Converter
No Load Supply Current
2.5V Step-Down Converter
5V Step-Down Converter
SW
VOUT
SS
RT
VIN
VIN
7V TO 38V
VOUT
5V
1.3A
4.7μF
0.47μF
22μF
49.9k
f = 800kHz
4.7μH
GND
BD
SYNC
OFF ON
LT3971A-5
3971A TA03
EN
BOOST
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com