Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD417L Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD417L
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD417L Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD417L Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD417L Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD417L Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD417L Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD417L Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD417L Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD417L Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD417L Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.samhop.com.tw
Aug,24,2012
4
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
STU/D417L
Ver 1.1
0.1
1
10
100
100
10
1
R
DS
(O
N)
Lim
it
VGS=-10V
Single Pulse
TA=25 C
60
50
40
30
20
10
0
24
6
8
10
0
ID=-17A
25 C
125 C
75 C
10
1
20
0
0.3
0.6
0.9
1.2
1.5
Crs s
Cs s
o
2400
2000
1600
1200
800
400
0
10
15
20
25
30
0
5
10
8
6
4
2
0
010
20
30
40
V DS =-20V
ID=-17A
110
100
DC
0.1
1m
s
100u
s
10ms
Cs s
i
125 C
75 C
25 C
10
100
1000
1
VDS=-20V,ID=-1A
VGS=-10V
TD(on)
Tr
TD(off )
Tf



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com