Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD438A Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STUD438A
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD438A Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STUD438A Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
IGSS
±100
nA
VGS(th)
1
V
gFS
S
CISS
1460
pF
COSS
245
pF
CRSS
175
pF
Qg
24
nC
30
nC
Qgs
67
nC
Qgd
25
tD(ON)
25
ns
tr
2.5
ns
tD(OFF)
7
ns
tf
ns
Gate-Drain Charge
VDS=20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=20V
ID=1A
VGS=10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=20V,ID=24A,VGS=10V
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=24A
VDS=10V , ID=24A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=250uA
VDS=32V , VGS=0V
VGS=±20V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=21A
m ohm
c
f=1.0MHz
c
VDS=20V,ID=24A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
c
www.samhop.com.tw
Mar,15,2010
2
nC
VDS=20V,ID=24A,VGS=4.5V
12.5
1.6
79
8.5
11
70
VSD
Diode Forward Voltage
VGS=0V,IS=20A
0.8
1.3
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 20V.(See Figure13)
_
_
_
STU/D438A
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com