Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RED Datasheet(PDF) 1 Page - LSI Computer Systems

Part # RED
Description  AC LINE FREQUENCY DIVIDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

RED Datasheet(HTML) 1 Page - LSI Computer Systems

  RED Datasheet HTML 1Page - LSI Computer Systems RED Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC LINE FREQUENCY DIVIDERS
RED SERIES
RED 5/6
Divide by 5 or 6
RED 50/60
Divide by 50 or 60
RED 100/120
Divide by 100 or 120
RED 300/360
Divide by 300 or 360
RED 500/600
Divide by 500 or 600
RED 3000/3600
Divide by 3000 or 3600
FEATURES:
• Clock input pulse shaper accepts 50Hz/60Hz
sine wave directly
• Fully static counter operation
• +4.5V to +15V operation (VDD - VSS)
• Low power dissipation
• High noise immunity
• Reset
• Input Enable
• 50Hz/60Hz division select input
• Output low power TTL compatible at +4.5V operation
• Square Wave Output (except for ÷ 5)
• RED x/y (DIP); RED x/y-S (SOIC) See Figure 1
APPLICATION:
Time base generator from either 50Hz or 60Hz line
frequency to produce:
10 pulses per second
(RED 5/6)
1 pulse per second
(RED 50/60)
1 pulse per 2 seconds
(RED 100/120)
1 pulse per .1 minute
(RED 300/360)
1 pulse per 10 seconds
(RED 500/600)
1 pulse per minute
(RED 3000/3600)
DESCRIPTION OF OPERATION:
The counter advances by one on each negative transition of the
input clock pulse as long as the Enable signal is High and the
Reset signal is Low. When the Enable signal is Low the input
clock pulses will be inhibited and the counter will be held at the
state it was in prior to bringing the Enable Low. A High Reset
signal clears the counter to zero count.
Depending on the device used, a Low on the Division Select in-
put will cause a Divide by 6, 60, 120, 360, 600 or 3600. A High
on the Division Select will cause a Divide by 5, 50, 100, 300, 500
or 3000.
All outputs are 50% duty cycle except RED 5, where output is
low for two clocks and high for three clocks.
CLOCK INPUT
If input signals are less than the Vss or greater than VDD, a
series input resistor should be used to limit the maximum input
current to 2 mA.
MARKING AS FOLLOWS:
PART
MARKING
RED 5/6
RED 6
RED 50/60
RED 60
RED 100/120
RED 120
RED 300/360
RED 360
RED 500/600
RED 600
RED 3000/3600
RED 3600
V DD (V+)
1
2
3
4
8
7
6
5
OUTPUT
RESET
V SS (-V)
NC
DIVISION SELECT
ENABLE
CLOCK INPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
RED-062600-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
RED SERIES
UL
®
A3800
July 2000
MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Storage Temperature
TSTG
-65 to +150
˚C
Operating Temperature
TA
-40 to +85
˚C
DC Supply Voltage
(VDD-Vss)
+18
V
Voltage at any input
VIN
Vss -.3 to VDD +.3
V
ENABLE SIGNAL TIMING
If the Enable signal switches Low during a positive clock phase and
then switches High during a negative clock phase, a false count will
be registered. To prevent this from happening, the Enable signal
should not switch Low during a positive clock phase unless the
switch to High also occurs during a positive clock phase. The
Enable signal should normally be switched during a negative clock
phase.


Similar Part No. - RED

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
RED-SFP-GE-LX-C ATGBICS-RED-SFP-GE-LX-C Datasheet
322Kb / 9P
RED-SFP-GE-LX Redback Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
RED-SFP-GE-SX-C ATGBICS-RED-SFP-GE-SX-C Datasheet
293Kb / 8P
RED-SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
List of Unclassifed Man...
RED20 ETC2-RED20 Datasheet
107Kb / 2P
Conduit Accessories
logo
Power Mate Technology C...
RED20-110D12W P-DUKE-RED20-110D12W Datasheet
565Kb / 3P
20 WATTS DC-DC CONVERTER
RED20-110D15W P-DUKE-RED20-110D15W Datasheet
565Kb / 3P
20 WATTS DC-DC CONVERTER
More results

Similar Description - RED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS292 TI-SN54LS292 Datasheet
296Kb / 8P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
74LS56P TI-74LS56P Datasheet
300Kb / 5P
FREQUENCY DIVIDERS
SN54LS56 TI-SN54LS56 Datasheet
265Kb / 10P
FREQUENCY DIVIDERS
SN54LS292 TI-SN54LS292_08 Datasheet
509Kb / 16P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
Programmable Frequency Dividers
logo
Kersemi Electronic Co.,...
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
AC LINE SWITCH
logo
LSI Computer Systems
LS6301 LSI-LS6301 Datasheet
40Kb / 2P
AC LINE FREQUENCY TIMER
logo
Pasternack Enterprises,...
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
Frequency Dividers Technical Data Sheet
logo
Sumida Corporation
EIH3024 SUMIDA-EIH3024 Datasheet
294Kb / 2P
AC-AC Low-Frequency Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com