Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6200 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6200
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200 Datasheet(HTML) 2 Page - Linear Technology

  LT6200_15 Datasheet HTML 1Page - Linear Technology LT6200_15 Datasheet HTML 2Page - Linear Technology LT6200_15 Datasheet HTML 3Page - Linear Technology LT6200_15 Datasheet HTML 4Page - Linear Technology LT6200_15 Datasheet HTML 5Page - Linear Technology LT6200_15 Datasheet HTML 6Page - Linear Technology LT6200_15 Datasheet HTML 7Page - Linear Technology LT6200_15 Datasheet HTML 8Page - Linear Technology LT6200_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
2
62001ff
absoluTe MaxiMuM raTings
pin conFiguraTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LT6200CS6#PBF
LT6200CS6#TRPBF
LTJZ
6-Lead Plastic TSOT-23
0°C to 70°C
LT6200IS6#PBF
LT6200IS6#TRPBF
LTJZ
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6200CS6-5#PBF
LT6200CS6-5#TRPBF
LTACB
6-Lead Plastic TSOT-23
0°C to 70°C
LT6200IS6-5#PBF
LT6200IS6-5#TRPBF
LTACB
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6200CS6-10#PBF
LT6200CS6-10#TRPBF
LTACC
6-Lead Plastic TSOT-23
0°C to 70°C
LT6200IS6-10#PBF
LT6200IS6-10#TRPBF
LTACC
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6200CS8#PBF
LT6200CS8#TRPBF
6200
8-Lead Plastic SO
0°C to 70°C
LT6200IS8#PBF
LT6200IS8#TRPBF
6200I
8-Lead Plastic SO
–40°C to 85°C
LT6200CS8-5#PBF
LT6200CS8-5#TRPBF
62005
8-Lead Plastic SO
0°C to 70°C
LT6200IS8-5#PBF
LT6200IS8-5#TRPBF
6200I5
8-Lead Plastic SO
–40°C to 85°C
(Note 1)
Total Supply Voltage (V+ to V–)..............................12.6V
Total Supply Voltage (V+ to V–) (LT6201DD)...............7V
Input Current (Note 2)......................................... ±40mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Pin Current While Exceeding Supplies
(Note 12) ..............................................................±30mA
Operating Temperature Range (Note 4)....–40°C to 85°C
Specified Temperature Range (Note 5) ....–40°C to 85°C
Junction Temperature ........................................... 150°C
Junction Temperature (DD Package).................... 125°C
Storage Temperature Range...................–65°C to 150°C
Storage Temperature Range
(DD Package)........................................ –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
6 V+
5 SHDN
4 –IN
OUT 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V– 2
+IN 3
TJMAX = 150°C, θJA = 160°C/W (Note 10)
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
SHDN
–IN
+IN
V–
NC
V+
OUT
NC
+
–
TJMAX = 150°C, θJA = 100°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
A
B
TJMAX = 150°C, θJA = 160°C/W (NOTE 3)
UNDERSIDE METAL CONNECTED TO V–
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
+
–
+
–
TJMAX = 150°C, θJA = 100°C/W
orDer inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com