Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD1530PL Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD1530PL
Description  S uper high dense cell design for low R DS (ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD1530PL Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD1530PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
-30
P -C hannel E nhancement Mode MOS F E T
AB S OLUTE MAXIMUM R ATING S (TA=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-S ource Voltage
VDS
V
G ate-S ource Voltage
VGS
20
V
Drain C urrent-C ontinuous @ TJ=125 C
-P ulsed
ID
-20
-50
-20
50
A
A
A
W
IDM
Drain-S ource Diode F orward C urrent
IS
Maximum P ower Dissipation
P D
Operating J unction and S torage
Temperature R ange
TJ,TSTG
-55 to 175
C
THER MAL C HAR AC TER IS TIC S
a
a
a
b
1
P reliminary Mar.28 2004
S amHop Microelectronics C orp.
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m
Ω )Max
-20A
45 @ V GS =-10V
60 @ V GS = -4.5V
FE AT UR E S
-30V
S T U/D1530P L
TO-252 and TO-251 P ackage.
S uper high dense cell design for low R DS (ON).
R ugged and reliable.
SDU S ER IE S
TO-252AA(D-P AK )
SDD S ER IE S
TO-251(l-P AK )
G
G
S
S
D
D
S
G
D
Thermal R esistance, J unction-to-C ase
Thermal R esistance, J unction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C


Similar Part No. - STUD1530PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD15L01 SAMHOP-STUD15L01 Datasheet
155Kb / 10P
Super high dense cell design for low RDS(ON).
STUD15N20 SAMHOP-STUD15N20 Datasheet
154Kb / 10P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD1530PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306A SAMHOP-STS2306A Datasheet
145Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com