Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD1855PL Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD1855PL
Description  S uper high dense cell design for low R DS (ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD1855PL Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD1855PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD1855PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD1855PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD1855PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD1855PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD1855PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD1855PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD1855PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
F igure 5. G a te T hres hold V a ria tion
with T empera ture
Figure 6. Brea kdown V olta ge V a ria tion
with T empera ture
F igure 7. T ra ns conducta nce V a ria tion
with Dra in C urrent
-IDS , Dra in-S ource C urrent (A)
F igure 9. G a te C ha rge
Q g, T otal G ate C harge (nC )
F igure 10. Ma ximum S a fe
Opera ting Area
-V DS , Drain-S ource V oltage (V )
Figure 8. Body Diode F orwa rd V olta ge
V a ria tion with S ource C urrent
-V SD,B ody Diode F orward V oltage (V )
T j, J unction T empera ture ( C )
T j, J unction T empera ture ( C )
15
12
9
6
18
0
0
5
10
15
20
25
3
V DS =-15V
20
10
0
1
0.4
0.6
0.8
1.0
1.2
1.4
8
10
6
4
2
0
0
3
6
9
12
15
18
21
24
V DS =-30V
ID=-5A
T J =25 C
60
10
1
0.1
0.03
0.1
1
10
60
10m
s
10
0ms
DC
V GS =-10V
S ingle P uls e
Tc=25 C
4
-50 -25
0
25
50
75
100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=-250uA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50
-25
0
25
50
75
100 125
V DS =V GS
ID=-250uA
S T U/D1855P L
30
R D
S (
ON
)L
im
it
1s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com