Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT331 Datasheet(PDF) 13 Page - Level One

Part # LXT331
Description  Dual T1/E1 Line Interface Unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXT331 Datasheet(HTML) 13 Page - Level One

Back Button LXT331 Datasheet HTML 9Page - Level One LXT331 Datasheet HTML 10Page - Level One LXT331 Datasheet HTML 11Page - Level One LXT331 Datasheet HTML 12Page - Level One LXT331 Datasheet HTML 13Page - Level One LXT331 Datasheet HTML 14Page - Level One LXT331 Datasheet HTML 15Page - Level One LXT331 Datasheet HTML 16Page - Level One LXT331 Datasheet HTML 17Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ëðää
L1
$SSOLFDWLRQ ,QIRUPDWLRQ
$33/,&$7,21 ,1)250$7,21
3RZHU 5HTXLUHPHQWV
7KH /;7êêì LV D ORZðSRZHU &026 GHYLFHï ,W RSHUDWHV
IURP D VLQJOH òè 9 SRZHU VXSSO\ ZKLFK FDQ EH WLHG WR DOO
WKUHH 9&& LQSXWVï +RZHYHUñ DOO LQSXWV PXVW EH ZLWKLQ ‘ ïê
9 RI HDFK RWKHUñ DQG GHFRXSOHG WR WKHLU UHVSHFWLYH JURXQGV
VHSDUDWHO\ï ,VRODWLRQ EHWZHHQ WKH WUDQVPLW DQG UHFHLYH FLUð
FXLWV LV SURYLGHG LQWHUQDOO\ï 'XULQJ QRUPDO RSHUDWLRQ RU
DQDORJ ORRSEDFNñ WKH WUDQVPLWWHU SRZHUV GRZQ LI 7&/. LV
QRW VXSSOLHGï
/LQH ,QWHUIDFH 5HTXLUHPHQWV
7DEOH å OLVWV WUDQVIRUPHU YDOXHV IRU ìïèéé 0ESV DQG ëïíéå
0ESV DSSOLFDWLRQVï 7DEOH ä VKRZV FRPELQDWLRQV RI WUDQVð
IRUPHUVñ VHULHV UHVLVWRUV DQG WKH /(1[Q VHWWLQJV WKDW SURð
GXFH D YDULHW\ RI UHWXUQ ORVV YDOXHVï
ìïèéé 0ESV 7ì $SSOLFDWLRQV
)LJXUH ìì RQ SDJH ìíí VKRZV D W\SLFDO KRVW PRGH DSSOLFDð
WLRQï 7KH HLJKW VHULDO LQWHUIDFH SLQV DUH JURXSHG DW WKH WRSï
+RVW PRGH LV VHOHFWHG E\ WKH FORFN LQSXW WR 63(ï 2WKHU
PRGH VHOHFWLRQ SLQV DUH VKRZQ DW WKH ERWWRPï :LWK WKH
7567( SLQ SXOOHG /RZñ WKH /;7êêì RSHUDWHV QRUPDOO\ï
3XOOLQJ WKLV SLQ +LJK FDXVHV DOO RXWSXWV WR JR WR D KLJK
LPSHGDQFH VWDWHï
)LJXUH ìì RQ SDJH ìíí VKRZV D SDLU RI IUDPHUVï $Q
/;3çíí$ &ORFN $GDSWHU õ&/$'ô FRQYHUWV WKH ëïíéå 0+]
EDFNSODQH FORFN WR SURYLGH WKH ìïèéé 0+] LQSXW WR WKH
0&/. DQG 7&/. LQSXWV RI ERWK /,8 SRUWVï
7KH ')0 LQGLFDWRU VKRZQ LQ WKH GLDJUDP ORZHU OHIW LV
DYDLODEOH WR GULYH RSWLRQDO H[WHUQDO FLUFXLWVï 7KH GULYHU
SRZHU VXSSO\ LQSXWV õERWWRPô DUH WLHG WR D FRPPRQ EXV
ZLWK çå µ) GHFRXSOLQJ FDSDFLWRUV LQVWDOOHGï 7KH SRZHU VXSð
SO\ IRU WKH UHPDLQLQJ õQRQðGULYHUô FLUFXLWU\ LV VKRZQ DW FHQð
WHU ULJKW ZLWK ìïí µ) DQG íïì µ) GHFRXSOLQJ FDSDFLWRUVï
7KH OLQH LQWHUIDFH FLUFXLWU\ LV LGHQWLFDO IRU ERWK /,8 SRUWVï
7KH SUHFLVLRQ UHVLVWRUV LQ OLQH ZLWK WKH WUDQVPLW WUDQVIRUPHU
SURYLGH RSWLPDO UHWXUQ ORVVï 7KH UHFRPPHQGHG WUDQVð
IRUPHUîUHVLVWRU FRPELQDWLRQ LV OLVWHG DW WKH ERWWRP RI )LJð
XUH ìíï ìãì WUDQVIRUPHUV DUH XVHG RQ WKH UHFHLYH VLGHï
ëïíéå 0ESV (ì $SSOLFDWLRQV
(ì &RD[LDO $SSOLFDWLRQV
)LJXUH ìì RQ SDJH ìíí VKRZV WKH OLQH LQWHUIDFH IRU D
W\SLFDO ëïíéå 0ESV (ìî&(37 FRD[LDO õæè Ωô DSSOLFDð
WLRQï 7KH /(1 FRGH VKRXOG EH VHW WR ííí IRU FRD[ï :LWK
äïì Ω 5W UHVLVWRUV LQ OLQH ZLWK WKH ìãë RXWSXW WUDQVIRUPð
HUVñ WKH /;7êêì SURGXFHV ëïêæ 9 SHDN SXOVHV DV
UHTXLUHG IRU FRD[ DSSOLFDWLRQVï $V LQ WKH 7ì DSSOLFDð
WLRQ VKRZQ LQ )LJXUH ìíñ ìãì WUDQVIRUPHUV DUH XVHG RQ
WKH UHFHLYH VLGHï
)LJXUH ìíã /LQH ,QWHUIDFH IRU (ì &RD[
7DEOH åã 5HFRPPHQGHG 7UDQVIRUPHU 9DOXHV
3DUDPHWHU
9DOXH
7XUQV 5DWLR õ7ìô
ìãëïê õ7[ô î ìã ì õ5[ô
7XUQV 5DWLR õ(ìô
ìãë õ7[ô î ìã ì õ5[ô
3ULPDU\ ,QGXFWDQFH
ìïë P+ PLQLPXP
/HDNDJH ,QGXFWDQFH
íïè µΗ PD[LPXP
,QWHUZLQGLQJ &DSDFLWDQFH
ëè S) PD[LPXP
'& 5HVLVWDQFH õ3ULPDU\ô
ì Ω PD[LPXP
(7 õ%UHDNGRZQ 9ROWDJHô
ì N9 PLQLPXP
7DEOH äã 7UDQVIRUPHU &RPELQDWLRQV
/(1
;IPU 5DWLRì 5W 9DOXHë 5WQ /RVVê
)RU 7ìî'6;ðì ìíí Ω 7ZLVWHGð3DLU $SSOLFDWLRQVã
íììðììì
ìãë
5W äïì Ω
ìéG%
íììðììì
ìãëïê
5W äïì Ω
ìåG%
íììðíìì
ìãìïìè
5W í Ω
ìG%
)RU (ì ìëí Ω 7ZLVWHGð3DLU $SSOLFDWLRQVã
ííì
ìãë
5W ìè Ω
ìåG%
ííí
ìãë
5W äïì Ω
ìíG%
)RU (ì æè Ω &RD[LDO $SSOLFDWLRQVã
ííì
ìãë
5W ìéïê Ω
ìíG%
ííí
ìãë
5W äïì Ω
ìåG%
ëï 7UDQVIRUPHU WXUQV UDWLR DFFXUDF\ LV ‘ ëøï
êï 5W YDOXHV DUH ‘ ìøï
éï 7\SLFDO UHWXUQ ORVVñ èìN+] ð êïíæë 0+] EDQGñ ZLWK D FDSDFLWRU LQ
SDUDOOHO ZLWK WKH SULPDU\ VLGH RI WKH WUDQVIRUPHUï
/;7êêì
77,3Q
75,1*Q
57,3Q
55,1*Q
ìãë
ìãì
5W äïìΩ
5W äïìΩ
ì
éæíS)
æè Ω
7\SLFDO YDOXHñ DGMXVW IRU ERDUG SDUDVLWLFV WR
REWDLQ RSWLPXP UHWXUQ ORVV
ì



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com