Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3053 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3053
Description  SILICON NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3053 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3053_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N3053_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3053
2N3053A
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3053, 2N3053A
types are epitaxial planar NPN silicon transistors
designed for general purpose applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
2N3053
2N3053A
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
40
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
0.7
A
Power Dissipation (TC=25°C)
PD
5.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
35
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N3053
2N3053A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=30V, VEB=1.5V
-
250
-
-
nA
ICEV
VCE=60V, VEB=1.5V
-
-
-
250
nA
IEBO
VEB=4.0V
-
250
-
250
nA
BVCBO
IC=100μA
60
-
80
-
V
BVCER
IC=100mA, RBE=10Ω (Note 1)
50
-
70
-
V
BVCEO
IC=100mA (Note 1)
40
-
60
-
V
BVEBO
IE=100μA
5.0
-
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
1.4
-
0.3
V
VBE(SAT)
IC=150mA, IB=15mA
-
1.7
0.6
1.0
V
VBE(ON)
VCE=2.5V, IC=150mA
-
1.7
-
1.0
V
hFE
VCE=2.5V, IC=150mA
25
-
25
-
hFE
VCE=10V, IC=150mA
50
250
50
250
fT
VCE=10V, IC=50mA, f=100MHz
100
-
100
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
15
-
15
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
-
80
-
80
pF
Notes: (1) Pulse width < 300μs, duty cycle < 2%.
TO-39 CASE
R2 (13-December 2013)
www.centr a lsemi.com


Similar Part No. - 2N3053_15

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3053A BOCA-2N3053A Datasheet
42Kb / 1P
GENERAL PURPOSE TRANSISTOR(NPN SILICON)
logo
List of Unclassifed Man...
2N3053A ETC-2N3053A Datasheet
143Kb / 4P
GENERAL PURPOSE MEDIUM POWER SILICON NPN PLANAR TRASISTORS
logo
Seme LAB
2N3053A SEME-LAB-2N3053A Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
Continental Device Indi...
2N3053A CDIL-2N3053A Datasheet
75Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
American Microsemicondu...
2N3053A AMMSEMI-2N3053A Datasheet
260Kb / 1P
Technical Specifications
More results

Similar Description - 2N3053_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com