Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3792 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3792
Description  SILICON PNP POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3792 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3792 Datasheet HTML 1Page - Central Semiconductor Corp 2N3792 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3789
2N3791
2N3790
2N3792
SILICON
PNP POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3789, 2N3790,
2N3791, and 2N3792 are silicon PNP power transistors,
manufactured by the epitaxial planar process, designed
for medium speed switching and amplifier applications.
MARKING: FULL PART NUMBER
2N3789
2N3790
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3791
2N3792
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
10
A
Continuous Base Current
IB
4.0
A
Power Dissipation
PD
150
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
1.17
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
2N3789
2N3790
2N3791
2N3792
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=Rated VCEO, VEB=1.5V
-
1.0
-
1.0
mA
ICEV
VCE=Rated VCEO, VEB=1.5V, TC=150°C
-
5.0
-
5.0
mA
IEBO
VEB=7.0V
-
5.0
-
5.0
mA
BVCEO
IC=200mA
60
-
80
-
V
VCE(SAT) IC=4.0A, IB=400mA (2N3789, 2N3790)
-
1.0
-
1.0
V
VCE(SAT) IC=5.0A, IB=500mA (2N3791, 2N3792)
-
1.0
-
1.0
V
VBE(ON)
VCE=2.0V, IC=5.0A (2N3789, 2N3790)
-
2.0
-
2.0
V
VBE(ON)
VCE=2.0V, IC=5.0A (2N3791, 2N3792)
-
1.8
-
1.8
V
VBE(ON)
VCE=4.0V, IC=10A
-
4.0
-
4.0
V
hFE
VCE=2.0V, IC=1.0A (2N3789, 2N3790)
25
90
25
90
hFE
VCE=2.0V, IC=1.0A (2N3791, 2N3792)
50
180
50
180
hFE
VCE=2.0V, IC=3.0A (2N3789, 2N3790)
15
-
15
-
hFE
VCE=2.0V, IC=3.0A (2N3791, 2N3792)
30
-
30
-
fT
VCE=10V, IC=500mA, f=1.0MHz
4.0
-
4.0
-
MHz
TO-3 CASE
R2 (31-July 2013)
www.centr a lsemi.com


Similar Part No. - 2N3792

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3792 MOSPEC-2N3792 Datasheet
116Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Boca Semiconductor Corp...
2N3792 BOCA-2N3792 Datasheet
124Kb / 3P
SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3792 MICROSEMI-2N3792 Datasheet
64Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3792 ETC-2N3792 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N3792

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com