Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP-2 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # OP-2
Description  High-Sensitivity Optical Power Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

OP-2 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  OP-2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH OP-2 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30.11.2010
OP-2 series
1 of 2
OP-2 series
TECHNICAL DATA
High-Sensitivity Optical Power Sensors
Features
• Si, Ge photodiodes
• Spectral range: 250 nm to 1800 nm
• Fiber-optic connector (optional)
• 1000:1 attenuator for measurement to 5 W
(olptional)
These high-sensitivity semiconductor sensors are ideal for CW laser measurements in the nW to
low mW level. They typically saturate in the 10 to 50 mW level, depending upon the model. For
linear operation up to a maximum of 5 Watts, an optional 1000:1 attenuator is used.
Specifications
Model
OP-2 / LM-2 UV
OP-2 / LM-2 VIS
OP-2 / LM-2 IR
Detector Material
Silicon
Germanium
Wavelength Range (µm)
0.25 – 0.4
0.4 – 1.06
0.8 – 1.8 / 0.8 – 1.5 *
1
Power Range
10 nW – 30 mW
10 nW – 30 mW *
2
10 nW – 10 mW
Resolution (nW)
1
Active Area Diameter (mm)
6
7.9
5
Dimension (mm)
Ø29 x 54
Calibration Uncertainty (%)
±8
±5
±4.5
Calibration Wavelength (nm)
Monochromator calibration across wavelength range
Cooling Method
Air-cooled
Connector Type
OP DB-25 / LM DC-25
Cable Lenth (m)
1.8
Package Dimensons
OP-2 UV / VIS / IR and LM-2 UV / VIS / IR


Similar Part No. - OP-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-20 AD-OP-20 Datasheet
290Kb / 6P
Micropower Operational Amplifier Single or Dual Supply
OP-20 AD-OP-20 Datasheet
1Mb / 6P
MICROPOWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-200ARC AD-OP-200ARC Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-200AZ AD-OP-200AZ Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
More results

Similar Description - OP-2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
Optical Reflective Sensors
HEDS-1200 HP-HEDS-1200 Datasheet
158Kb / 8P
Optical Reflective Sensors
logo
Hamamatsu Corporation
S8380 HAMAMATSU-S8380_10 Datasheet
153Kb / 4P
NMOS linear image sensors with high IR sensitivity
logo
Everlight Electronics C...
ITR9707 EVERLIGHT-ITR9707 Datasheet
276Kb / 6P
OPTICAL SENSORS
04.14.2009
logo
List of Unclassifed Man...
HM-R ETC2-HM-R Datasheet
249Kb / 4P
High sensitivity, low power consumption
logo
Hamamatsu Corporation
C5658_KACC1023E HAMAMATSU-C5658_KACC1023E_15 Datasheet
89Kb / 2P
Detects optical signals at 1 GHz, with high sensitivity
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2214 AD-ADPD2214 Datasheet
477Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
logo
MultiDimension Technolo...
AGV-TMR15XN MULTIDIMENSION-AGV-TMR15XN Datasheet
639Kb / 5P
16-Channel, High Sensitivity AGV Magnetic Guide Sensors
Version 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com